Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 4Page - STMicroelectronics ST70235A Datasheet HTML 5Page - STMicroelectronics ST70235A Datasheet HTML 6Page - STMicroelectronics ST70235A Datasheet HTML 7Page - STMicroelectronics ST70235A Datasheet HTML 8Page - STMicroelectronics ST70235A Datasheet HTML 9Page - STMicroelectronics ST70235A Datasheet HTML 10Page - STMicroelectronics ST70235A Datasheet HTML 11Page - STMicroelectronics ST70235A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ST70235A
8/28
PIN SUMMARY
Mnemonic
Type
BS Type
Number
of Signals
Function
Power Supply
VDD 3.3
VDD 1.8
(VSS + 3.3V) Power supply
(VSS + 1.8V) Power supply
VSS
0V Ground
ATC INTERFACE
ALE
I
C
1
Used to latch the address of the internal register to be accessed
PCLK
I
I
1
Processor clock
CSB
I
I
1
Chip selected to respond to bus cycle
BE1
I
I
1
Address 1 (not multiplexed)
WR_RDB
I
I
1
Specifies the direction of the access cycle
RDYB
OZ
O
1
Controls the ATC bus cycle termination
INTB
O
O
1
Requests ATC interrupt service
AD
IO
B
16
Multiplexed Address/Data bus
OBC_TYPE
I-PD
I
1
Select between i960 (0) or generic (1) controller interface
TEST ACCESS PART INTERFACE
TDI
I-PU
1
Refer to section
TDO
OZ
1
TCK
I-PD
1
TMS
I-PU
1
TRSTB
I-PD
1
ANALOG FRONT END INTERFACE
AFRXD
I
I
4
Receive data nibble
AFTXD
O
O
4
Transmit data nibble
CLWD
I
I
1
Start of word indication
PDOWN
O
O
1
Power down analog front end
CTRLDATA
O
O
1
Serial data transmit channel
MCLK
I
C
1
Master cloc
ATM UTOPIA INTERFACE
U_RxData
OZ
B
8
Receive interface Data
U_TxData
I
I
8
Transmit interface Data
U_RxADDR
I
I
5
Receive interface Address
U_TxADDR
I
I
5
Transmit interface Address
U_RxCLAV
OZ
O
1
Receive interface Cell Available
U_TxCLAV
OZ
O
1
Transmit interface Cell Available
U_RxENBB
I-TTL
I
1
Receive interface Enable
U_TxENBB
I-TTL
I
1
Transmit interface Enable
U_RxSOC
OZ
O
1
Receive interface Start of Cell
U_TxSOC
I-TTL
I
1
Transmit interface Start of Cell
U_RxCLK
I-TTL
C
1
Receive interface Utopia Clock
U_TxCLK
I-TTL
C
1
Transmit interface Utopia Clock
U_RxRefB
O
O
1
8kHz reference clock to ATM device
U_TxRefB
I-TTL
I
1
8kHz reference clock from ATM device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com