Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 5Page - STMicroelectronics ST70235A Datasheet HTML 6Page - STMicroelectronics ST70235A Datasheet HTML 7Page - STMicroelectronics ST70235A Datasheet HTML 8Page - STMicroelectronics ST70235A Datasheet HTML 9Page - STMicroelectronics ST70235A Datasheet HTML 10Page - STMicroelectronics ST70235A Datasheet HTML 11Page - STMicroelectronics ST70235A Datasheet HTML 12Page - STMicroelectronics ST70235A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ST70235A
9/28
I
= Input, CMOS levels
I-PU
= Input with pull-up resistance, TTL
levels
I-PD
= Input with pull-down resistance, TTL
levels
I-TTL
= Input TTL levels
O
= Push-pull output
OZ
= Push-pull output with high-impedance
state
IO
= Input / Tristate Push-pull output
BS cell = Boundary-Scan cell
I
= Input cell
O
= Output cell
B
= Bidirectional cell
C= Clock
Main Block Description
The following drawings describe the sequence of
functions performed by the chip.
DSP Front-End
The DSP Front-End contains 4 parts in the
receive direction: the Input Selector, the Analog
Front-End Interface, the Decimator and the Time
Equalizer.
The input selector is used internally to enable test
loopbacks inside the chip. The Analog Front-End
lnterface transfers 16-bit words, multiplexed on 4
input/output signals. Word transfer is carried out in
4 clock cycles.
The Decimator receives 16-bit samples at 8.8MHz
(as sent by the Analog Front-End chip: ST70134)
and reduces this rate to 2.2MHz.
The Time Equalizer (TEQ) module is a FIR filter
with programmable coefficients. Its main purpose
is
to
reduce
the
effect
of
Inter-Symbol
Interferences (ISI) by shortening the channel
impulse response.
Both the Decimator and TEQ can be bypassed. In
the
transmit
direction,
the
DSP
Front-End
includes:
sidelobe
filtering,
clipping,
delay
equalization
and
interpolation.
The
sidelobe
filtering and delay equalization are implemented
by IIR Filters, reducing the effect of echo in FDM
systems.
Clipping is a statistical process limiting the
amplitude of the output signal, optimizing the
dynamic range of the AFE. The interpolator
receives data at 2.2MHz and generates samples
at a rate of 8.8MHz.
DMT Modem
This module is a programmable DSP unit. Its
instruction set enables the basic functions of the
DMT algorithm like FFT, IFFT, Scaling, Rotor and
Frequency Equalization (FEQ) in compliance with
ANSI T1.413 specifications.
In the RX path, the 512-point FFT transforms the
time-domain
DMT
symbol
into
a
frequency
domain representation which can be further
decoded by the subsequent demapping stages.
In other words, the Fast Fourier Transform
process is used to transform from time domain to
frequency domain (receive path). 1024 time
samples are processed. After the first stage time
domain equalization and FFT block an ICI
(InterCarrier Interference) free information stream
turns out.
MISCELLANEOUS
GP_IN
I-PD
I
2
General purpose input
GP_OUT
O
O
1
General purpose output
RESETB
I
I
I
Hard reset
TESTSE
I
none
none
Enable scan test mode
IDDq
I
none
none
Test pin, active high
COMP_ROUT
O
none
1
Compensation cell resistor
DISABLE_COMP
I-PD
I
1
Disable compensation cell
Mnemonic
Type
BS Type
Number
of Signals
Function
PIN SUMMARY (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com