Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 10Page - STMicroelectronics ST70235A Datasheet HTML 11Page - STMicroelectronics ST70235A Datasheet HTML 12Page - STMicroelectronics ST70235A Datasheet HTML 13Page - STMicroelectronics ST70235A Datasheet HTML 14Page - STMicroelectronics ST70235A Datasheet HTML 15Page - STMicroelectronics ST70235A Datasheet HTML 16Page - STMicroelectronics ST70235A Datasheet HTML 17Page - STMicroelectronics ST70235A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ST70235A
14/28
Figure 11 : Generic Processor Interface Read Timing Cycle
Generic processor interface Cycle Timing
All AC characteristics are indicated for a 100pF capacitive load.Cycle timing for generic interface.
The timing are generally presented with the write signal, but as shown on the read diagram, they are also
valid for the read signal, so for example the Trdy2wr timing is the same as what can be Trdy2rd.
Table 2 : Cycle timing
Symbol
Parameters
Minimum
Maximum
Unit
Tcsre
Access Time
900
µs
Talew
Ale pulse width
12
ns
Tavs
Address valid setup time
10
ns
Tavh
Address valid hold time
10
ns
Tale2cs
ALE to CSB
0
ns
Tale2Z
ALE to high Z state of bus
50
ns
Tcs2wr
CSB to WRB
0
ns
Tcs2rd
CSB to RDB
0
ns
Twr2d
WR to data
15
ns
Twr2rdy
WR to Dy asserted
60
ns
Trd2rdy
RD to Rdy asserted
60
ns
Trdy2wr
Rdyb to WRB
0
ns
Trdy2rd
Rdyb to RDB
0
ns
Tdvs
Data valid setup time
10
ns
Tdvh
Data valid hold time
1/2 Tmclk
Tmclk
ns
Trdy2cs
RdyB to CSB
0
ns
Tmclk
master clock timing : cf specifications
Twr2Mclk
Setup time according to the master clock
10
ns
Trd2Mclk
Setup time according to the master clock
10
ns
ALE
CSB
Address/DATA
RDB
RDYB
MClk
Talew
1
1: WRB = BE1 is high.
Tale2cs
Tavs
Tavh
Tcs2rd
Trd2Mclk
Trd2rdy
Tcsre
Tdvs
Tdvh
Trdy2rd
Trdy2cs
Twrw
Tmclk
Tale2Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com