Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 1 Page - STMicroelectronics

  ST70235A Datasheet HTML 1Page - STMicroelectronics ST70235A Datasheet HTML 2Page - STMicroelectronics ST70235A Datasheet HTML 3Page - STMicroelectronics ST70235A Datasheet HTML 4Page - STMicroelectronics ST70235A Datasheet HTML 5Page - STMicroelectronics ST70235A Datasheet HTML 6Page - STMicroelectronics ST70235A Datasheet HTML 7Page - STMicroelectronics ST70235A Datasheet HTML 8Page - STMicroelectronics ST70235A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
October 2001
s DMT
MODEM
FOR
CPE
ADSL,
COMPATIBLE
WITH
THE
FOLLOWING
STANDARDS:
- ANSI T1.413 ISSUE 2
- ITU-T G.992.1 (G.DMT)
- ITU-T G.992.2 (G.LITE)
s SUPPORTS EITHER ATM (UTOPIA LEVEL
1 & 2) OR BITSTREAM INTERFACE
s 16 BIT MULTIPLEXED MICROPROCESSOR
INTERFACE (LITTLE AND BIG ENDIAN
COMPATIBILITY)
s ANALOG FRONT END MANAGEMENT
s DUAL
LATENCY
PATHS:
FAST
AND
INTERLEAVED
s ATM’S PHY LAYER: CELL PROCESSING
(CELL DELINEATION, CELL INSERTION,
HEC)
s ADSL’S OVERHEAD MANAGEMENT
s REED SOLOMON ENCODE/DECODE
s TRELLIS ENCODE/DECODE (VITERBI)
s DMT MAPPING / DEMAPPING OVER 256
CARRIERS
s FINE (2PPM) TIMING RECOVER USING
ROTOR AND ADAPTATIVE FREQUENCY
DOMAIN EQUALIZING
s TIME DOMAIN EQUALIZATION
s FRONT END DIGITAL FILTERS
s 0.25
µm HCMOS7 TECHNOLOGY
s 144 PIN TQFP
s POWER CONSUMPTION: 0.4 WATT
APPLICATIONS
Routers at SOHO, stand-alone modems, PC
modems.
GENERAL DESCRIPTION
The ST70235A is the DMT modem and ATM
framer of
the
STMicroelectronics
ASCOT™
chipset. When coupled with ST70134 analog
front-end and an external controller running
dedicated firmware, the product fulfills ANSI
T1.413 "Issue 2" DMT ADSL specification. The
chip supports UTOPIA level 1 and UTOPIA level 2
interface.
The ST70235A can be split up into two different
sections.
The
physical
one
performs
the
DMT modulation, demodulation, Reed-Solomon
encoding, bit interleaving and 4D trellis coding.
The ATM section embodies framing functions for
the generic and ATM Transmission Convergence
(TC) layers. The generic TC consists of data
scrambling and Reed Solomon error corrections,
with and without interleaving.
The ST70235A is controlled and programmed
by an external controller (ADSL Transceiver Con-
troller, ATC) that sets the programmable coeffi-
cients. The firmware controls the initialization
phase and carries out the consequent adaptation
operations.
TQFP144 Full Plastic
(20 x 20 x 1.40 mm)
ORDER CODE: ST70235A
ST70235A
ASCOTTM DMT TRANSCEIVER
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PRELIMINARY DATA


Similar Part No. - ST70235A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST70-27F SHINDENGEN-ST70-27F Datasheet
385Kb / 11P
Trankiller
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
ST70-27F SHINDENGEN-ST70-27F_10 Datasheet
906Kb / 1P
Power zener Diode
ST70-27F SHINDENGEN-ST70-27F_17 Datasheet
233Kb / 4P
Power Zener Diode
ST70-27MF SHINDENGEN-ST70-27MF Datasheet
951Kb / 1P
Power zener Diode
More results

Similar Description - ST70235A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70135A STMICROELECTRONICS-ST70135A Datasheet
198Kb / 29P
ASCOTTM DMT TRANSCEIVER
Apr-2000
ST70137 STMICROELECTRONICS-ST70137 Datasheet
140Kb / 22P
UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
Sep-2001
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
QUAD ADSL DMT TRANSCEIVER
Feb-2004
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
S560-6600-LK BEL-S560-6600-LK Datasheet
76Kb / 2P
DMT VDSL MAGNETICS
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
Transceiver
logo
Cornell Dubilier Electr...
DMT CDE-DMT_18 Datasheet
195Kb / 3P
Type DMT, Polyester Film Capacitors
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com