Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 20Page - STMicroelectronics ST70235A Datasheet HTML 21Page - STMicroelectronics ST70235A Datasheet HTML 22Page - STMicroelectronics ST70235A Datasheet HTML 23Page - STMicroelectronics ST70235A Datasheet HTML 24Page - STMicroelectronics ST70235A Datasheet HTML 25Page - STMicroelectronics ST70235A Datasheet HTML 26Page - STMicroelectronics ST70235A Datasheet HTML 27Page - STMicroelectronics ST70235A Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ST70235A
25/28
ELECTRICAL SPECIFICATIONS
Generic DC Electrical Characteristics
The values presented in the following table apply for all inputs and/or outputs unless otherwise specified.
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device.
IO Buffers Generic DC Characteristics
Input/ Output TTL Generic Characteristics
The values presented in the following table apply for all TTL inputs and/or outputs unless otherwise
specified.
* The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The available values are 4 and 8mA.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
IIN
Input Leakage Current
VIN = VSS, VDD no
pull up /pull down
-4
4
µA
IOZ
Tristate Leakage Current
VIN = VSS, VDD no
pull up /pull down
-4
4
µA
IPU
Pull up Current
VIN = VSS
-15
-66
-125
µA
IPD
Pull Down Current
VIN = VDD
15
66
125
µA
RPU
Pull up Resistance
VIN = VSS
50
K
Ω
RPD
Pull Down Resistance
VIN = VDD
50
K
Ω
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VHY
Schmitt Trigger Hysteresis
Slow edge < 1V/
µs
0.4
0.7
V
VOL
Low Level Output Voltage
IOUT = XmA*
0.4
V
VOH
High Level Output Voltage
IOUT = XmA*
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com