Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 13Page - STMicroelectronics ST70235A Datasheet HTML 14Page - STMicroelectronics ST70235A Datasheet HTML 15Page - STMicroelectronics ST70235A Datasheet HTML 16Page - STMicroelectronics ST70235A Datasheet HTML 17Page - STMicroelectronics ST70235A Datasheet HTML 18Page - STMicroelectronics ST70235A Datasheet HTML 19Page - STMicroelectronics ST70235A Datasheet HTML 20Page - STMicroelectronics ST70235A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ST70235A
17/28
Pin Description
Note
1. Active low signal
The ST70235A samples TxData and TxSOC signals on the rising edge of TxClk, if TxEnb is asserted.
TxClk, RxClk, AC Electrical Characteristics
TxData, TxSOC, TxAddr, TxEnb, AC Electrical Characteristics
Note: Tx data hold time is 1.2ns. All the UTOPIA hold time are guarantee by design.
RxData, RxSOC, RxClav, TxClav, AC Electrical Characteristics
Name
Type
Meaning
Usage
Remark
TxClav
O
Transmit Cell
available
Signals to the ATM chip that the physical
layer chip is ready to accept a complete cell
Remains active for the entire
cell transfer
TxEnb 1
I
Transmit Enable
Signals to the ST70235A that TxData and
TxSOC are valid
TxClk
I
Transmit Byte Clock
Gives the timing signal for the transfer,
generated by ATM layer chip.
TxData
I
Transmit Data (8bits)
ATM cell data, from ATM layer chip to
ST70235A, byte wide. TxData [7] is the MSB.
TxSOC
I
Transmit Start of Cell
Identifies the cell boundary on TxData
TxData contains the first
valid byte of the cell.
TxRef 1
I
Reference Clock
8kHz clock from the ATM layer chip
Symbol
Parameters
Minimum
Maximum
Unit
F
Clock frequency
1.5
25
MHz
Tc
Clock duty cycle
40
60
%
Tj
Clock peak to peak jitter
5
%
Trf
Clock rise fall time
4
ns
L
Load
100
pF
Symbol
Parameters
Minimum
Maximum
Unit
T5
Input set-up time to TxClk
10
ns
T6
Hold time to TxClk
1
ns
L
Load
100
pF
Symbol
Parameters
Minimum
Maximum
Unit
T7
Input set-up time to TxClk
10
ns
T8
Hold time to Tx Clk
1
ns
T9
Signal going low impedance to RxClk
10
ns
T10
Signal going High impedance to RxClk
0
ns
T11
Signal going low impedance to RxClk
1
ns
T12
Signal going High impedance to RxClk
1
ns
L
Load
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com