Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 4Page - STMicroelectronics STB4395 Datasheet HTML 5Page - STMicroelectronics STB4395 Datasheet HTML 6Page - STMicroelectronics STB4395 Datasheet HTML 7Page - STMicroelectronics STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3 - FUNCTIONAL DESCRIPTION
Figure 1 is a simplified block diagram of the circuit.
It shows the key on-chip and off-chip functional
blocks and signal paths. For illustration purposes
frequencies have been added representing the
situation when receiving or transmitting a particular
CT2 channel.
3.1 - Receiver
The receive signal enters the STB4395 via an input
SAW filter (866 MHZ for CT2 in Europe). The RF
filter changes the input signal from a single ended
to a balanced signal, after which the signal passes
through the LNA, first mixer, and mixer buffer. The
mixer is driven by the channel VCO, which is in turn
controlled by the synthesizer.
The signal path continues via the first IF SAW
(150.4MHz), IF amplifier to the second mixer. The
second mixer stage mixes down to 1.7MHz, and
via an external LC IF filter, is passed to the second
IF amplifier, where the main system gain takes
place. The RSSI output is available from this
point.The signal is then demodulated and sliced
into a data stream which is the binary digital output
available to the base band chip.
The channel selection is provided by the two exter-
nal filters: the first IF SAW and a second IF 2-pole
LC filter.
3.2 - Transmitter
The chip accepts 72Kbits/s data in an I/Q format.
The I/Q inputs pass via the I/Q modulator to the
TX mixer. The TX mixer is driven by the same
channel VCO as the receive first mixer.
The on-off ramp of the transmit PA.is controlled via
an external capacitor to give minimum spurious
responses when switching on and off.
The PA output power can be switched from full
power to -3dBm by
the channel select control
signal (bit LO of the 16bits serial word PRGD, see
table, paragraph 1.4).
3.3 - Channel Select Control Logic
All channel phase locked loops and oscillators are
included on chip. The channel control synthesizer
is controlled externally via a 3 wire interface.
The Reference clock input of 14.4 MHz is divided
using preset counters to set the phase detector
/charge pump loops for the synthesizer/channel
select VCO, the second receiver VCO, and the I/Q
transmit VCO. The phase detector inputs for the
fixed frequency VCO’s arevia pre set dividers also.
The channel select control and Transmit PA control
is via a 16 bit serial word, which is generated by the
system controller. 15 bits of this serial word are
used for the channel information, and 1 bit is used
to setthe output power of the transmit PA. The word
length is sufficient to give full channel coverage
over the range from 800 to 1000MHz with integer
multiples of 50KHz. The section ”system clock
input” gives a detailed description.
Not shown in the diagram are the voltage regula-
tors for the receive LNA/first mixer, Transmit PA, TX
mixer and the remainder of the circuit.There are 6
internal voltage regulators to ensure the minimum
of mutual interference.
4 - ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VP-VN
Power Supply Voltage
7.0
V
VP -VIN
Voltages on Input (except SYNCLK)
5.9
V
VP -VIN
Voltage on Input (SYNCLK)
3.0
V
VIN -VN
Voltages on Input
7.0
V
VP-VOUT
Voltages on Output
7.0
V
VN -VOUT
Voltages on Output
7.0
V
VRFO
Voltage Out of RF or NRF in TX
3.5
VPP
Tstg
Storage Temperature
125
oC
Toper
Operating Temperature
40
oC
STB4395
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com