Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics STB4395 Datasheet HTML 13Page - STMicroelectronics STB4395 Datasheet HTML 14Page - STMicroelectronics STB4395 Datasheet HTML 15Page - STMicroelectronics STB4395 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
8 - TRANSCEIVER SECTION (continued)
8.3.3 - Channel Frequency Setting
8.3.3.1 - General Case
Using, from the divider ratios :
and from the mixers :
FCH = CH*FX/288
FIF2=FRX -FIF1
FRX = RX *FX/16
FIF1=FRF -FCH
FIFTX = 0.5 *FTX
FRF =FCH+FIFTX
FTX = TX*FSYN/18
the RF frequency is related to the other frequencies by :
FRF =FCH +FIFTX
=CH * FSYN/288 + TX * FSYN/18 * 0.5
=FCH +FRX -FIF2
=CH * FSYN/288 + RX * FSYN/16 - FIF2
Hence the channel select input (15 of the 16 digits, see pin table, paragraph 1.4) serial data stream :
CH = (FRF - TX*FSYN/18*0.5 ) * 288/FSYN = 288* FRF /FSYN - 3008 and CH = 288 (FRF +FIF2)/FSYN - 3042
where :
FCH is the channel PLL synthesizer frequency
FIF1 is the first if frequency (receive)
FIF2 is the second if frequency (receive)
FIFTX is the transmit if frequency
FRF is the desired rf frequency
FRX is the receive offset PLL frequency
FSYN is the reference input frequency (on SYNCLK)
FTX is the transmit offset PLL frequency
RX is the fixed receive divide ratio of 169
TX is the fixed transmit divide ratio of 376
CH is the channel synthesizer divide ratio defined by the binary channel number,
e.g. D14,D13,...........D0
The channel synthesizer provides integral division for all numbers between 3968 and 32764 (binary
000111110000000 to 111111111111100).Binary numbers outside this range will cause division ratios not
directly related to binary code.
8.3.3.2 - Particular Case. with FSYN = 14.4MHz :
FRX = 152.1MHz
FTX = 300.8MHz
FIFTX = 150.4MHz
FIF1 = 150.4MHz
FIF2 = 1.7MHz
Then CH = 20 * FRF - 3008
Example : desired RF frequency, FRF = 866.05MHz
Then substituting in : CH = 20*866.05-3008 = 14313 (binary 011011111101001)
STB4395
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com