Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 5 Page - STMicroelectronics

  STB4395 Datasheet HTML 1Page - STMicroelectronics STB4395 Datasheet HTML 2Page - STMicroelectronics STB4395 Datasheet HTML 3Page - STMicroelectronics STB4395 Datasheet HTML 4Page - STMicroelectronics STB4395 Datasheet HTML 5Page - STMicroelectronics STB4395 Datasheet HTML 6Page - STMicroelectronics STB4395 Datasheet HTML 7Page - STMicroelectronics STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1 - PIN DESCRIPTION (continued)
1.2 - Pin List (continued)
Pin
Name
Description
Ext. Connection and Suppl. Information
46
NSAWO
RX First IF Amplifier Input
47
SAWO
RX First IF Amplifier Input
48
VNIF
Negative Battery Supply Input for RX sections
49
VNRF
Negative Battery Supply Input for RF front end
50
SAWI
RX First Mixer Output
51
NSAWI
RX First Mixer Output
52
VRRF
Regulated Negative Supply for RF front end
53
VNPA
Negative Supply for power amplifier
54
VPRF1
Positive Battery Supply for RF front end
55
NRF
Input LNA/Output PA
56
RF
Input LNA/Ouput PA
57
VPRF2
Positive Battery Supply for RF front end
58
ADJPWR
Transmit Power Adjust
R = 8.5k
Ω to VRRF
59
SHAPE
Time Constant for PA on-off ramp
C = 560pF
60
TXFLT
Bandpass Filter for TX RF
61
NTXFLT
Bandpass Filter for TX RF
62
VPD
Positive Battery Supply for digital circuitry
63
VRD
Regulated Negative Supply for digital circuitry
64
VND
Negative Battery Supply for digital circuitry
1.3 - Analog and Filter Pins
Pin
Symbol
Description
58
ADJPWR
Transmitter Output Power Adjust
28
BRF1
Bit Rate Filter1
31
BRF2
Bit Rate Filter 2
27
BRF3
Bit Rate Filter 3
42, 39
DEC, NDEC
RX IF2 Amplifier Decoupling
29
DISCI
FM Discriminator Tank Circuit
30
DISCO
FM Discriminator Tank Circuit
33
FLTRI
Loop Filter for RX PLL
16
FLTRO
Loop Filter for TX PLL
21
FLTRS
Loop Filter for Channel PLL
6, 7
I, NI(1)
Transmit Quadrature Inputs ((1)STB4395 only)
40, 41
IF2I, NIF2I
Inputs from 2nd IF Filter
43, 44
IF2O, NIF2O
Outputs to 2nd IF Filter
8, 9
Q, NQ(1)
Q-Transmit Quadrature Input ((1)STB4395 only)
7
REFIQ
IQ Reference Quadrature Transmit Input (STB4395A only)
56, 55
RF, NRF
Input RX LNA/Ouput TX PA
37
RSSI
Received Signal Strength Indicator Output
50, 51
SAWI, NSAWI
First Mixer Output
47, 46
SAWO, NSAWO
First IF Amplifier Input
59
SHAPE
Time Constant for PA on-off Ramp
19
SLTC
Slicer Time Constant Capacitor
12
SYNCLK
Synthesizer Clock Input 14.4MHz
60, 61
TXFLT/ NTXFLT
Bandpass Filter for TX RF
35, 34
VCOI, NVCOI
Tank Circuit for 152.1MHz RX Oscillator
14, 15
VCOO, NVCOO
Tank Circuit for 300.8MHz TX Oscillator
25, 24
VCOS, NVCOS
Tank Circuit for 650 to 850MHz Channel Oscillator
STB4395
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com