Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics STB4395 Datasheet HTML 13Page - STMicroelectronics STB4395 Datasheet HTML 14Page - STMicroelectronics STB4395 Datasheet HTML 15Page - STMicroelectronics STB4395 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
8 - TRANSCEIVER SECTION (continued)
8.9 - Receiver-RSSI Output
The receiver output swings between VP and VN.The buffer output supplies a current to an on-chip resistor
connected to VN. The output has to be smoothed externally with a capacitor to VN.
Symbol
Description
Min.
Typ.
Max.
Unit
PMIN
Min RF Input Power Registered
-90
dBm
PMAX
Max RF Input Power Registered
-44
dBm
ROUT
Output Resistance (internally connected to VN)50
k
Ω
VMIN
Voltage for PMIN
VN+1.25
VN+2
V
VMAX
Voltage for PMAX
VN
VN+0.25
V
CF
conversion factor
-200
mV/decade
8.10 - Power Down Buffer, EN
Symbol
Description
Min.
Typ.
Max.
Unit
VIH
Upper Level Input Voltage
VP -0.3
VP +0.4
V
VIL
Lower Level Input Voltage
VN -0.4
VN +0.3
V
IIH
Input Current High
-350
µA
IIL
Input Current Low
10
µA
tON
Buffer Delay to LOCK HI (1)
10
ms
tOFF
Buffer Delay to min Supply Current (1)
10
ms
(1) assumes application circuit with 100nF on each regulator.
8.11 - Transmitter-Data Inputs
8.11.1 - I,Q,REFIQ (STB4395A)
Symbol
Description
Min.
Typ.
Max.
Units
REXT
External Input Resistance
6.5
6.8
7
k
Ω
RINT
Internal Input Resistance
32
40
50
k
Ω
RIM
RINT Matching Error
1
%
VDC
DC Bias to REXT
0.96VHS
1.04VHS
V
VDC match
VDC Matching Error to REXT
5mV
VS
Peak Voltage Swing to REXT
0.45
0.5
0.56
V
VS match
VS Matching Error to REXT
0.5
dB
Phase(I-Q)
88.5
90
91.5
degrees
VHS = (VP +VN)/2
8.11.2 - I,Q,NI,NQ (STB4395)
VHS = (VP+VN)/2 - VHR = (VP+VRD)/2
Symbol
Description
Min.
Typ.
Max.
Unit
REXT
External Input Resistance
2
k
Ω
RINT
Internal Input Resistance
32
40
50
k
Ω
RIM
RINT Matching Error
1
%
VDC
DC bias to REXT
VHS-0.7
VHR+0.7
V
VDC match
VDC Matching Error to REXT
12
mV
VS
Peak Voltage Swing to REXT
0.7
0.75
0.85
V
VS match
VS Matching Error to REXT
20
mV
Phase (I/Ibar and Q/Qbar)
88.5
90
91.5
degrees
Phase I to Ibar or Q to Qbar
0
degrees
STB4395
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com