Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 5Page - STMicroelectronics STB4395 Datasheet HTML 6Page - STMicroelectronics STB4395 Datasheet HTML 7Page - STMicroelectronics STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics STB4395 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5 - POWER SUPPLIES
5.1 - Supplies
The chip operates from a power supply of 3.0 to
5.5 Volts. All interface circuits to the baseband
chips are operated between these supplies.
Six on-chip regulators are included on-chip which
provide to all parts of the circuit separate regulated
voltage supplies of -2.85
±0.15 Volts relative to the
top rail for the RF circuitry, the IF circuitry, the digital
circuitry and for the three VCO’s.
The chip can be operated in 3 modes, power down,
receive and transmit. Power down is activated tak-
ing the Pin EN to VN . To transfer to the receive
mode, NTXEN is taken to VP.
The built-in regulators can be by-passed ,if so
required.
5.2 - Ground Plane Connections
The chip has been designed to be decoupled to the
positive supply, VP , at many points. Therefore it is
strongly recommended that the chip be mounted
on a board with a ground plane connected to VP.
Because the base band chip is specified relative to
a negative ground, it is further recommended that
the board used is a 4 layer board with both a
positive, VP , and negative ground plane VN . This
has the additional advantage of providing good
high frequency decoupling between supplies.
The question as to whether to call VP or VN ground
depe nds on which external equipment is con-
nected. For testing the baseband section, this is
VN ; for testing the radio chip, this is VP.In a
product, this will depend on the application.
For clarity all voltages specified in this document
will be specified with respect to the supply, VP or
VN , that the voltage normally tracks with when the
supply is varied.
6 - ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VN
Power Supply Voltage (unregulated)
-3
-5.5
V
VREG
Power Supply bypassing Internal Regulators (this is also interface supply)
-2.7
-3
V
IRX
Receive Mode
32
40
mA
ITX
Transmit Mode
68
80
mA
IQ
Standby/Power Down
20
µA
7 - TIMING INFORMATION
7.1 - Turn on-off Times
Times are relative to the NTXEN transition (high to low for receive to transmit and low to high for transmit
to receive).
Symbol
Parameter
Min.
Typ.
Max.
Unit
tON
Turn-on Time From standby to receive
10
µs
tRAMPON
PA Power Ramp up to reach -3dB of final power
27.78
µs
tTXRX
Switchover Time Transmit to Receive (LNA/first mixer active)
27.78
µs
7.2 - Channel Select Timing
PRGCLK must be high before NPRGEN goes low to programme the synthesizer.
Figure 2 : Timing of Serial Programming Data
NPRGEN
PRGCLK
PRGD
PROGRAM
CODE
Orde r of NPRGEN &PRGD unimportant
Code cha nge s on Rising Edge of NPRGEN
Note that although a new program code is implemented on the rising edge of the NPRGEN, the transmitted
power level is delayed until at the start of the next burst of transmission. In order to change transmit power
during a conversation, the required power code must be serially loaded with the power change instruction.
STB4395
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com