Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 7Page - STMicroelectronics STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics STB4395 Datasheet HTML 13Page - STMicroelectronics STB4395 Datasheet HTML 14Page - STMicroelectronics STB4395 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8 - TRANSCEIVER SECTION (continued)
Dataslicer time constants
Symbol
Parameter
Min.
Typ.
Max.
Unit
Slow
3*
ms
Fast
130*
µs
Hold Drift Rate 60mV < signal < 100mV
1
mV/ms
For 33nF capacitor at SLTC
8.2 - Transmitter-Output Specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
Output Power into 300
Ω balanced, high power mode
13
dBm
LO Rejection
25
dBC
Output Control Switch
14
dB
TXFLT/NTXFLT output
Symbol
Parameter
Min.
Typ.
Max.
Units
Output Impedance
2
k
Ω
Load Impedance (external)
1.2
k
Ω
Voltage Out (channel frequency, application circuit of this D/S)
200
mVPP
Voltage Out (channel frequency-300.8MHz, app. cct of this D/S)
80
mVPP
8.3 - Synthesizer/Modulator/Channel Select Loop
8.3.1 - Synthesizer Phase Noise and Spurious
Phase noise and spurious are measured at the RF outputs RF / NRF in transmit mode, no RF SAW filter.
Phase Noise (Average)
Offset Frequency from carrier
Min.
Typ.
Max.
Unit
±100kHz
-106
dBc/Hz
±500kHz
-121
dBc/Hz
±1MHz
-127
dBc/Hz
±10MHz
-145
dBc/Hz
Spurious
Offset Frequency from carrier
Min.
Typ.
Max.
Unit
±50kHz
-55
dBc
±100kHz
-63
dBc
±200kHz
-70
dBc
±200kHz to ±10MHz
-75
dBc
±10MHz to ±100MHz
-40
dBc
8.3.2 - Channel Select Loop
Symbol
Parameter
Min.
Typ.
Max.
Unit
Frequency
channel - 150.4
MHz
Frequency Steps
50
kHz
STB4395
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com