Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4395 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB4395
Description  CT2 RECEIVER/TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4395 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB4395 Datasheet HTML 8Page - STMicroelectronics STB4395 Datasheet HTML 9Page - STMicroelectronics STB4395 Datasheet HTML 10Page - STMicroelectronics STB4395 Datasheet HTML 11Page - STMicroelectronics STB4395 Datasheet HTML 12Page - STMicroelectronics STB4395 Datasheet HTML 13Page - STMicroelectronics STB4395 Datasheet HTML 14Page - STMicroelectronics STB4395 Datasheet HTML 15Page - STMicroelectronics STB4395 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
8 - TRANSCEIVER SECTION (continued)
8.4 - System Clock Input
Symbol
Description
Min.
Typ.
Max.
Unit
fREF (*1)
Reference Frequency
14.4
MHz
VS
Input Voltage Swing, AC Coupled, referenced to VP
0.4
0.8
V
IIH
Input Current-High (with respect to VN)
-40
µA
IIL
Input Current-low (with respect to VN)40
µA
(*1) limits according to ETSI specification
8.5 - RF/NRF Receive/Transmit Pins
Symbol
Description
Min.
Typ.
Max.
Unit
ZIN
Input Impedance (balanced, RX)
300
Ω // 3.5pF
-
VSWR
VSWR
1.5:1
-
VIN DC Max.
DC Input Voltage
0V
PIN AC Max.
AC Input Power
0
dBm
ZOUT
Output Impedance (balanced, TX)
300
Ω // 3pF
-
8.6 - Digital Input Buffers NTXEN, PRGD, NPRGEN, PRGCLK, FN
Symbol
Description
Min.
Typ.
Max.
Unit
VIH
Upper Level Input Voltage
VP -1
VP +0.4
V
VIL
Lower Level Input Voltage
VN -0.4
VN +1
V
IIH
Input Current High
-10
µA
IIL
Input Current Low
40
µA
Tt
Input Edge Transition
0.1
1
µs/V
8.7 - Digital Output Buffers xLOCK, DO
Symbol
Description
Min.
Typ.
Max.
Unit
VOH
Upper Level Output Voltage
VP -0.3
VP
V
VOL
Lower Level Output Voltage
VN
VN +1
V
tR
Rise Time (load of 5pF)
0.3
µs/V
tF
Fall Time (load of 5pF)
0.4
µs/V
8.8 - Receiver - FSH Tri State Input
Symbol
Description
Min.
Typ.
Max.
Units
VIH
Upper Level Input Voltage
VP -0.3
VP +0.4
V
VIL
Lower Level Input Voltage
VN-0.4
VN +1
V
ITR
Tri State Current
-10
10
µA
IIH
Input Current High
-100
µA
IIL
Input Current Low
100
µA
Tt
Input Edge Transition
0.1
1
µs/V
STB4395
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com