Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 4Page - Texas Instruments ADS5463IPFPR Datasheet HTML 5Page - Texas Instruments ADS5463IPFPR Datasheet HTML 6Page - Texas Instruments ADS5463IPFPR Datasheet HTML 7Page - Texas Instruments ADS5463IPFPR Datasheet HTML 8Page - Texas Instruments ADS5463IPFPR Datasheet HTML 9Page - Texas Instruments ADS5463IPFPR Datasheet HTML 10Page - Texas Instruments ADS5463IPFPR Datasheet HTML 11Page - Texas Instruments ADS5463IPFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
AIN
16
Differential input signal (positive)
AIN
17
Differential input signal (negative)
3, 8, 13, 14, 19, 21,
AVDD5
Analog power supply (5 V)
23, 25, 27, 31
Analog power supply (3.3 V) (Suggestion for
≤250 MSPS: leave option to connect to 5 V for
AVDD3
35, 37, 39
ADS5440/4 13-bit compatibility)
DVDD3
1, 51, 66
Output driver power supply (3.3 V)
2, 7, 9, 12, 15, 18,
20, 22, 24, 26, 28,
GND
Ground
30, 32, 34, 36, 38,
40, 52, 65
CLK
10
Differential input clock (positive). Conversion is initiated on rising edge.
CLK
11
Differential input clock (negative)
D0, D0
54, 53
LVDS digital output pair, least-significant bit (LSB)
D1–D10,
55–64,
LVDS digital output pairs
D1–D10
67–76
D11, D11
78, 77
LVDS digital output pair, most-significant bit (MSB)
DRY, DRY
80, 79
Data ready LVDS output pair
No connect (4 and 5 should be left floating, 43–50 are possible future bit additions for this pinout
NC
4, 5, 43–50
and therefore can be connected to a digital bus or left floating)
Overrange indicator LVDS output. A logic high signals an analog input in excess of the full-scale
OVR, OVR
42, 41
range.
Pin 29 is reserved for possible future Vcm output for this pinout, like ADS5474; pin 33 is reserved for
RESERVED
29, 33
possible future power-down control pin for this pinout, like ADS5474.
VREF
6
Reference voltage input/output (2.4V nominal)
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com