Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 14Page - Texas Instruments ADS5463IPFPR Datasheet HTML 15Page - Texas Instruments ADS5463IPFPR Datasheet HTML 16Page - Texas Instruments ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ADS5463
THS9001
AIN
AIN
VIN
VIN
THS9001
S0177-03
1000pF
1000pF
39pF
50 W
50 W
0.1 F
m
1000pF
1000pF
18 H
m
18pF
AIN
AIN
VREF
ADS5463
+5V
THS4509
CM
348 W
348 W
100 W
100 W
78.9 W
78.9 W
49.9 W
VIN
From
50
Source
W
49.9 W
49.9 W
49.9 W
0.1 F
m
0.1 F
m
0.22 F
m
0.22 F
m
0.22 F
m
S0193-02
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
intermediate-frequencies in the 50-MHz–350-MHz range, the configuration shown in Figure 32 can be used. The
component values can be tuned for different intermediate frequencies. The example shown is located on the
evaluation module and is tuned for an IF of 170 MHz. More information regarding this configuration can be found
in the ADS5463 EVM User Guide (SLAU194) and the THS9001 50 MHz to 350 MHz Cascadeable Amplifier data
sheet (SLOS426).
Figure 32. Using the THS9001 IF Amplifier With the ADS5463
Figure 33. Using the THS4509 With the ADS5463
For applications requiring dc-coupling with the signal source, a differential input/differential output amplifier like
the THS4509 (see Figure 33) provides good harmonic performance and low noise over a wide range of
frequencies. Notice that VREF is used for the common mode with the ADS5463 and ADS5444/5440, whereas
VCM must be used with the ADS5474.
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5463 by using the VREF pin from the
ADC. The 50-
Ω resistors and 18-pF capacitor between the THS4509 outputs and ADS5463 inputs (along with
the input capacitance of the ADC) limit the bandwidth of the signal to about 70 MHz (–3 dB). Input termination is
accomplished via the 78.9-
Ω resistor and 0.22-
µF capacitor to ground, in conjunction with the input impedance of
the amplifier circuit. A 0.22-
µF capacitor and 49.9-Ω resistor are inserted to ground across the 78.9-Ω resistor
and 0.22-
µF capacitor on the alternate input to balance the circuit. Gain is a function of the source impedance,
termination, and 348-
Ω feedback resistor. See the THS4509 data sheet for further component values to set
proper 50-
Ω termination for other common gains. Because the ADS5463 recommended input common-mode
voltage is 2.4 V, the THS4509 is operated from a single power supply input with V S+ = 5 V and V S– = 0 V
(ground). This maintains maximum headroom on the internal transistors of the THS4509.
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com