Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments ADS5463IPFPR Datasheet HTML 23Page - Texas Instruments ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments ADS5463IPFPR Datasheet HTML 26Page - Texas Instruments ADS5463IPFPR Datasheet HTML 27Page - Texas Instruments ADS5463IPFPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
SNR(dBc)=-20xLOG10(2x
xf
xj
)
p
IN
TOTAL
(1)
j
=(j
+j
)
TOTAL
ADC
CLOCK
2
1/2
2
(2)
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
Table 2. Recommended RMS Clock Jitter
INPUT FREQUENCY
MEASURED SNR
TOTAL JITTER
MAXIMUM CLOCK JITTER
(MHz)
(dBc)
(fsec rms)
(fsec rms)
10
64.4
9590
9589
70
64.4
1370
1362
100
64.3
970
959
230
64.1
432
405
300
64
335
300
450
63.6
234
181
650
62.9
175
94
1300
58.3
149
16
Equation 1 and Equation 2 are used to estimate the required clock source jitter.
where:
jTOTAL = the rms summation of the clock and ADC aperture jitter;
jADC = the ADC internal aperture jitter which is located in the data sheet;
jCLOCK = the rms jitter of the clock at the clock input pins to the ADC; and
fIN = the analog input frequency.
Notice that the SNR is a strong function of the analog input frequency, not the clock frequency. The slope of the
clock source edges can have a mild impact on SNR as well and is not taken into account for these estimates.
For this reason, maximizing clock source amplitudes at the ADC clock inputs is recommended, though not
required (faster slope is desirable for jitter-related SNR). For more information on clocking high-speed ADCs, see
Application Note SLWA034, Implementing a CDC7005 Low Jitter Clock Solution For High-Speed, High-IF ADC
Devices. Recommended clock distribution chips (CDCs) are the TI CDC7005 and CDCM7005. Depending on the
jitter requirements, a band pass filter (BPF) is sometimes required between the CDC and the ADC. If the
insertion loss of the BPF causes the clock amplitude to be too low for the ADC, or the clock source amplitude is
too low to begin with, an inexpensive amplifier can be placed between the CDC and the BPF.
Figure 46 represents a scenario where an LVCMOS single-ended clock output is used from a TI CDCM7005 with
the clock signal path optimized for maximum amplitude and minimum jitter. This type of conditioning might
generally be well-suited for use with greater than 250 MHz of input frequency. The jitter of this setup is difficult to
estimate and requires a careful phase noise analysis of the clock path. The BPF (and possibly a low-cost
amplifier because of insertion loss in the BPF) can improve the jitter between the CDC and ADC when the jitter
provided by the CDC is still not adequate. The total jitter at the CDCM7005 output depends largely on the phase
noise of the VCXO selected, as well as the CDCM7005, and typically has 50–100 fs of rms jitter. If it is
determined that the jitter from the CDCM7005 with a VCXO is sufficient without further conditioning, it is possible
to clock the ADS5463 directly from the CDCM7005 using differential LVPECL outputs, as illustrated in Figure 47
(see the CDCM7005 data sheet for the exact schematic). This scenario may be more suitable for less than 150
MHz of input frequency where jitter is not as critical. A careful analysis of the required jitter and of the
components involved is recommended before determining the proper approach.
24
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com