Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 12Page - Texas Instruments ADS5463IPFPR Datasheet HTML 13Page - Texas Instruments ADS5463IPFPR Datasheet HTML 14Page - Texas Instruments ADS5463IPFPR Datasheet HTML 15Page - Texas Instruments ADS5463IPFPR Datasheet HTML 16Page - Texas Instruments ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
100
10
200
300
75
75
75
75
80
80
80
80
70
70
70
65
65
65
80
80
85
85
55
55
55
60
60
60
400
f
-InputFrequency-MHz
IN
SFDR-dBc
500
600
700
900
800
1000
170
200
400
250
300
350
450
500
550
50
45
55
60
80
75
70
65
85
90
M0049-09
APPLICATION INFORMATION
Theory of Operation
Input Configuration
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SFDR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 29.
The ADS5463 is a 12-bit, 500-MSPS, monolithic pipeline ADC. Its bipolar analog core operates from 5-V and
3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible outputs. The conversion
process is initiated by the rising edge of the external input clock. At that instant, the differential input signal is
captured by the input track-and-hold (T&H), and the input sample is sequentially converted by a series of lower
resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the falling
clock edges are used to propagate the sample through the pipeline every half clock cycle. This process results in
a data latency of 3.5 clock cycles, after which the output data is available as a 12-bit parallel word, coded in
offset binary format.
The analog input for the ADS5463 consists of an analog pseudo-differential buffer followed by a bipolar transistor
track-and-hold (see Figure 30). The analog buffer isolates the source driving the input of the ADC from any
internal switching and presents a high impedance that is easy to drive at high input frequencies, compared to an
ADC without a buffered input. The input common mode is set internally through a 500-
Ω resistor connected from
2.4 V to each of the inputs. This results in a differential input impedance of 1 k
Ω.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com