Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments ADS5463IPFPR Datasheet HTML 26Page - Texas Instruments ADS5463IPFPR Datasheet HTML 27Page - Texas Instruments ADS5463IPFPR Datasheet HTML 28Page - Texas Instruments ADS5463IPFPR Datasheet HTML 29Page - Texas Instruments ADS5463IPFPR Datasheet HTML 30Page - Texas Instruments ADS5463IPFPR Datasheet HTML 31Page - Texas Instruments ADS5463IPFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Operational Lifetime
T
ContinuousJunction Temperature
C
J -
-
o
1000
100
10
1
80
90
100
110
120
130
140
150
160
170
180
T
ContinuousJunction Temperature
C
J -
-
o
100
10
1
0.1
130
150
160
170
180
190
200
140
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
It is important for applications that anticipate running continuously for long periods of time near the
maximum-rated ambient temperature of +85
°C to consider the data shown in Figure 49 and Figure 50. Referring
to the Thermal Characteristics table, the worst-case operating condition with no airflow has a thermal rise of
23.7
°C/W. At approximately 2.2 W of normal power dissipation, at a maximum ambient of +85°C with no airflow,
the junction temperature of the ADS5463 reaches approximately +85
°C + 23.7°C/W × 2.2 W = +137°C and
therefore the expected lifetime is approximately 8 years due to an electro migration failure and 18 years due to a
wirebonding failure. Being even more conservative and accounting for the maximum possible power dissipation
that is ensured (2.4 W), the junction temperature becomes nearly +142
°C. As Figure 49 and Figure 50 show, this
operating condition limits the expected lifetime of the ADS5463 even more. Operation at +85
°C continuously may
require airflow or an additional heatsink in order to decrease the internal junction temperature and increase the
expected lifetime. An airflow of 250 LFM (linear feet per minute) reduces the thermal resistance to 16.4
°C/W, the
maximum junction temperature to +124
°C and the expected lifetime to over 10 years, assuming a worst-case of
2.4 W and +85
°C ambient. Of course, operation at lower ambient temperatures greatly increases the expected
lifetime.
The ADS5463 performance over temperature is quite good and can be seen starting in Figure 21. Though the
typical plots show good performance at +100
°C, the device is only rated from –40°C to +85°C. For continuous
operation at temperatures near or above the maximum, aside from performance degradation, the expected
primary negative effect is a shorter device lifetime.
Figure 49. Operating Life Derating Chart, Electro
Figure 50. Operating Life Derating Chart, Wirebound
Migration Fail Mode
Voiding Fail Mode
28
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com