Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 10Page - Texas Instruments ADS5463IPFPR Datasheet HTML 11Page - Texas Instruments ADS5463IPFPR Datasheet HTML 12Page - Texas Instruments ADS5463IPFPR Datasheet HTML 13Page - Texas Instruments ADS5463IPFPR Datasheet HTML 14Page - Texas Instruments ADS5463IPFPR Datasheet HTML 15Page - Texas Instruments ADS5463IPFPR Datasheet HTML 16Page - Texas Instruments ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
AVDD − Supply Voltage − V
63.0
63.5
64.0
64.5
65.0
65.5
66.0
66.5
67.0
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G027
TA = 405C
TA = 255C
TA = 05C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
fS = 500 MSPS
fIN= 100 MHz
AVDD − Supply Voltage − V
68
70
72
74
76
78
80
2.7
2.9
3.1
3.3
3.5
3.7
G028
fS = 500 MSPS
fIN= 100 MHz
TA = 405C
TA = 255C
TA = 05C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
AVDD − Supply Voltage − V
63.5
64.0
64.5
65.0
65.5
66.0
66.5
2.7
2.9
3.1
3.3
3.5
3.7
G029
TA = 405C
TA = 255C
TA = 05C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
fS = 500 MSPS
fIN= 100 MHz
DVDD − Supply Voltage − V
68
70
72
74
76
78
80
2.7
2.9
3.1
3.3
3.5
3.7
G030
fS = 500 MSPS
fIN= 100 MHz
TA = 405C
TA = 255C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
TA = 05C
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SNR
SFDR
vs
vs
AVDD5 ACROSS TEMPERATURE
AVDD3 ACROSS TEMPERATURE
Figure 22.
Figure 23.
SNR
SFDR
vs
vs
AVDD3 ACROSS TEMPERATURE
DVDD3 ACROSS TEMPERATURE
Figure 24.
Figure 25.
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com