Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments ADS5463IPFPR Datasheet HTML 23Page - Texas Instruments ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Clock Inputs
CLK
CLK
ADS5463/5444/5440
~2.4V
AVDD5
Internal
Clock
Buffer
1000 W
Parasitic
~0.8pF
GND
~0.5pF
package
~2.5nHBondWire
~200fF
bondpad
GND
package
bondpad
GND
AVDD5
~2.5nHBondWire
~0.5pF
~200fF
1000 W
Parasitic
~0.8pF
CLK
ADS5463
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
S0168-05
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
The ADS5463 clock input can be driven with either a differential clock signal or a single-ended clock input. The
equivalent clock input circuit can be seen in Figure 38. In low-input-frequency applications, where jitter may not
be a big concern, the use of a single-ended clock (as shown in Figure 39) could save cost and board space
without much performance tradeoff. When clocked with this configuration, it is best to connect CLK to ground
with a 0.01-
µF capacitor, while CLK is ac-coupled with a 0.01-µF capacitor to the clock source, as shown in
Figure 39.
Figure 38. Clock Input Circuit
Figure 39. Single-Ended Clock
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com