Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 122Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 123Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 124Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 125Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 126Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 127Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 128Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
126
AT89C51ID2
4289A–8051–09/03
ISP Protocol Description
Physical Layer
The UART used to transmit information has the following configuration:
•
Character: 8-bit data
•
Parity: none
•
Stop: 2 bits
•
Flow control: none
•
Baudrate: autobaud is performed by the bootloader to compute the baudrate
choosen by the host.
Frame Description
The Serial Protocol is based on the Intel Hex-type records.
Intel Hex records consist of ASCII characters used to represent hexadecimal values and
are summarized below
Figure 50. Intel Hex Type Frame
•
Record Mark:
Record Mark is the start of frame. This field must contain ’:’.
•Reclen:
Reclen specifies the number of bytes of information or data which follows the Record
Type field of the record.
•
Load Offset:
Load Offset specifies the 16-bit starting load offset of the data bytes, therefore this field
is used only for
Data Program Record (see Section “ISP Commands Summary”).
•
Record Type:
Record Type specifies the command type. This field is used to interpret the remaining
information within the frame. The encoding for all the current record types is described
in Section “ISP Commands Summary”.
•
Data/Info:
Data/Info is a variable length field. It consists of zero or more bytes encoded as pairs of
hexadecimal digits. The meaning of data depends on the Record Type.
•
Checksum:
The two’s complement of the 8-bit bytes that result from converting each pair of ASCII
hexadecimal digits to one byte of binary, and including the Reclen field to and including
the last byte of the Data/Info field. Therefore, the sum of all the ASCII pairs in a record
after converting to binary, from the Reclen field to and including the Checksum field, is
zero.
Record
Record
Load
Data
Mark
’:’
Reclen
Offset
Type
or
Info
Checksum
1-byte
1-byte
2-bytes
1-byte
n-bytes
1-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com