Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 126Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 127Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 128Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 130Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 131Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 132Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 159 page
background image
130
AT89C51ID2
4289A–8051–09/03
Command Data Stream
Protocol
All commands are sent using the same flow. Each frame sent by the host is echoed by
the bootloader.
Figure 52. Command Flow
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
19200
OKOK
OK
OKOKOKOK
OKOK
38400
-
-
OK
OKOKOKOK
OKOK
57600
-
-
OK
-
OK
OK
OK
OK
OK
115200
--
OK
-
OK
----
Table 94. Autobaud Performances (Continued)
Frequency (MHz)
Baudrate (kHz)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
Bootloader
":"
Sends first character of the
Frame
If (not received ":")
Sends frame (made of 2 ASCII
Gets frame, and sends back ech
for each received byte
Host
Else
":"
Sends echo and start
reception
characters per byte)
Echo analysis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com