Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ID2-RDTIM Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C51ID2-RDTIM
Description  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 123Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 124Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 125Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 126Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 127Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 128Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 130Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 159 page
background image
127
AT89C51ID2
4289A–8051–09/03
Functional Description
Software Security Bits (SSB)
The SSB protects any Flash access from ISP command.
The command "Program Software Security bit" can only write a higher priority level.
There are three levels of security:
•
level 0: NO_SECURITY (FFh)
This is the default level.
From level 0, one can write level 1 or level 2.
•
level 1: WRITE_SECURITY (FEh )
For this level it is impossible to write in the Flash memory, BSB and SBV.
The Bootloader returns ’P’ on write access.
From level 1, one can write only level 2.
•
level 2: RD_WR_SECURITY (FCh
The level 2 forbids all read and write accesses to/from the Flash/EEPROM memory.
The Bootloader returns ’L’ on read or write access.
Only a full chip erase in parallel mode (using a programmer) or ISP command can reset
the software security bits.
From level 2, one cannot read and write anything.
Table 93. Software Security Byte Behavior
Level 0
Level 1
Level 2
Flash/EEprom
Any access allowed
Read only access allowed
Any access not allowed
Fuse bit
Any access allowed
Read only access allowed
Any access not allowed
BSB & SBV
Any access allowed
Read only access allowed
Any access not allowed
SSB
Any access allowed
Write level 2 allowed
Read only access allowed
Manufacturer info
Read only access allowed
Read only access allowed
Read only access allowed
Bootloader info
Read only access allowed
Read only access allowed
Read only access allowed
Erase block
Allowed
Not allowed
Not allowed
Full chip erase
Allowed
Allowed
Allowed
Blank Check
Allowed
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com