Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 32Page - Analog Devices ADE7569 Datasheet HTML 33Page - Analog Devices ADE7569 Datasheet HTML 34Page - Analog Devices ADE7569 Datasheet HTML 35Page - Analog Devices ADE7569 Datasheet HTML 36Page - Analog Devices ADE7569 Datasheet HTML 37Page - Analog Devices ADE7569 Datasheet HTML 38Page - Analog Devices ADE7569 Datasheet HTML 39Page - Analog Devices ADE7569 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 36 of 136
ENERGY MEASUREMENT REGISTERS
Table 29. Energy Measurement Register List
Address
MADDPT[6:0]
Mnemonic
R/W
Length
(Bits)
Signed/
Unsigned
Default
Description
0x00
Reserved
0x01
WATTHR
R
24
S
0
Reads Wh accumulator without reset.
0x02
RWATTHR
R
24
S
0
Reads Wh accumulator with reset.
0x03
LWATTHR
R
24
S
0
Reads Wh accumulator synchronous to line cycle.
0x04
VARHR1
R
24
S
0
Reads VARh accumulator without reset.
0x05
RVARHR1
R
24
S
0
Reads VARh accumulator with reset.
0x06
LVARHR1
R
24
S
0
Reads VARh accumulator synchronous to line cycle.
0x07
VAHR
R
24
S
0
Reads VAh accumulator without reset.
0x08
RVAHR
R
24
S
0
Reads VAh accumulator with reset.
0x09
LVAHR
R
24
S
0
Reads VAh accumulator synchronous to line cycle.
0x0A
PER_FREQ
R
16
U
0
Reads line period or frequency register depending on Mode2 register.
0x0B
MODE1
R/W
8
U
0x06
Sets basic configuration of energy measurement (see Table 30).
0x0C
MODE2
R/W
8
U
0x40
Sets basic configuration of energy measurement (see Table 31).
0x0D
WAVMODE
R/W
8
U
0
Sets configuration of Waveform Sample 1 and Waveform Sample 2
(see Table 32).
0x0E
NLMODE
R/W
8
U
0
Sets level of energy no-load thresholds (see Table 33).
0x0F
ACCMODE
R/W
8
U
0
Sets configuration of W, VAR accumulation and various tamper
alarms (see Table 34).
0x10
PHCAL
R/W
8
S
0x40
Sets phase calibration register (see the Phase Compensation
section).
0x11
ZXTOUT
R/W
12
0x0FFF
Sets timeout for zero-crossing timeout detection
(see the Zero-Crossing Timeout section).
0x12
LINCYC
R/W
16
U
0xFFFF
Sets number of half-line cycles for LWATTHR, LVARHR, and LVAHR
accumulators.
0x13
SAGCYC
R/W
8
U
0xFF
Sets number of half-line cycles for SAG detection
(see the Line Voltage Sag Detection section).
0x14
SAGLVL
R/W
16
U
0
Sets detection level for SAG detection
(see the Line Voltage Sag Detection section).
0x15
IPKLVL
R/W
16
U
0xFFFF
Sets peak detection level for current peak detection
(see the Peak Detection section).
0x16
VPKLVL
R/W
16
U
0xFFFF
Sets peak detection level for voltage peak detection
(see the Peak Detection section).
0x17
IPEAK
R
24
U
0
Reads current peak level without reset
(see the Peak Detection section).
0x18
RSTIPEAK
R
24
U
0
Reads current peak level with reset (see the Peak Detection section).
0x19
VPEAK
R
24
U
0
Reads voltage peak level without reset
(see the Peak Detection section).
0x1A
RSTVPEAK
R
24
U
0
Reads voltage peak level with reset (see the Peak Detection section.
0x1B
GAIN
R/W
8
U
0
Sets PGA gain of analog inputs (see Table 35).
0x1C
Reserved
Reserved.
0x1D
WGAIN
R/W
12
S
0
Sets watt gain register.
0x1E
VARGAIN1
R/W
12
S
0
Sets VAR gain register.
0x1F
VAGAIN
R/W
12
S
0
Sets VA gain register.
0x20
WATTOS
R/W
16
S
0
Sets watt offset register.
0x21
VAROS1
R/W
16
S
0
Sets VAR offset register.
0x22
IRMSOS
R/W
12
S
0
Sets current rms offset register.
0x23
VRMSOS
R/W
12
S
0
Sets voltage rms offset register.
0x24
WDIV
R/W
8
U
0
Sets watt energy scaling register.
0x25
VARDIV
R/W
8
U
0
Sets VAR energy scaling register.
0x26
VADIV
R/W
8
U
0
Sets VA energy scaling register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com