Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 6Page - Analog Devices ADE7569 Datasheet HTML 7Page - Analog Devices ADE7569 Datasheet HTML 8Page - Analog Devices ADE7569 Datasheet HTML 9Page - Analog Devices ADE7569 Datasheet HTML 10Page - Analog Devices ADE7569 Datasheet HTML 11Page - Analog Devices ADE7569 Datasheet HTML 12Page - Analog Devices ADE7569 Datasheet HTML 13Page - Analog Devices ADE7569 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 10 of 136
Table 3. I2C-Compatible Interface Timing Parameters (400 kHz)
Parameter
Description
Typ
Unit
tL
SCLK low pulse width
1.36
μs
tH
SCLK high pulse width
1.14
μs
tSHD
Start condition hold time
251.35
μs
tDSU
Data setup time
740
ns
tDHD
Data hold time
400
ns
tRSU
Setup time for repeated start
12.5
ns
tPSU
Stop condition setup time
400
ns
tR
Rise time of both SCLK and SDATA
200
ns
tF
Fall time of both SCLK and SDATA
300
ns
tSUP1
Pulse width of spike suppressed
50
ns
1 Input filtering on both the SCLK and SDATA inputs suppresses noise spikes less than 50 ns.
MSB
tBUF
SDATA (I/O)
SCLK (I)
STOP
CONDITION
START
CONDITION
REPEATED
START
LSB
ACK
MSB
12–7
8
9
1
S(R)
PS
tPSU
tDSU
tSHD
tDHD
tSUP
tDSU
tDHD
tH
tSUP
tL
tRSU
tR
tR
tF
tF
Figure 3. I2C-Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com