Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 80 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 76Page - Analog Devices ADE7569 Datasheet HTML 77Page - Analog Devices ADE7569 Datasheet HTML 78Page - Analog Devices ADE7569 Datasheet HTML 79Page - Analog Devices ADE7569 Datasheet HTML 80Page - Analog Devices ADE7569 Datasheet HTML 81Page - Analog Devices ADE7569 Datasheet HTML 82Page - Analog Devices ADE7569 Datasheet HTML 83Page - Analog Devices ADE7569 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 80 of 136
INTERRUPT SYSTEM
The unique power management architecture of the
ADE7566/ADE7569 includes an operating mode (PSM2) where
the 8052 MCU core is shut down. Events can be configured to
wake the 8052 MCU core from the PSM2 operating mode. A
distinction is drawn here between events that can trigger the
wake-up of the 8052 MCU core and events that can trigger an
interrupt when the MCU core is active. Events that can wake
the core are referred to as wake-up events, while events that can
interrupt the program flow when the MCU is active are called
interrupts. See the 3.3 V Peripherals and Wake-Up Events
section to learn more about events that can wake the 8052 core
from PSM2.
The ADE7566/ADE7569 provide 12 interrupt sources with
three priority levels. The power management interrupt is alone
at the highest priority level. The other two priority levels are
configurable through the Interrupt Priority SFR (IP, 0xB8) and
Interrupt Enable and Priority 2 SFR (IEIP2, 0xA9).
STANDARD 8051 INTERRUPT ARCHITECTURE
The 8051 standard interrupt architecture includes two tiers of
interrupts, where some interrupts are assigned a high priority
and others are assigned a low priority.
PRIORITY 1
PRIORITY 0
HIGH
LOW
Figure 73. Standard 8051 Interrupt Priority Levels
A Priority 1 interrupt can interrupt the service routine of a
Priority 0 interrupt, and if two interrupts of different priorities
occur at the same time, the Priority 1 interrupt is serviced first.
An interrupt cannot be interrupted by another interrupt of the
same priority level. If two interrupts of the same priority level
occur simultaneously, a polling sequence is observed. See the
Interrupt Priority section.
INTERRUPT ARCHITECTURE
The ADE7566/ADE7569 possess advanced power supply
monitoring features. To ensure a fast response to time critical
power supply issues, such as a loss of line power, the power
supply monitoring interrupt should be able to interrupt any
interrupt service routine. To enable the user to have full use of the
standard 8051 interrupt priority levels, an additional priority
level was added for the power supply management (PSM)
interrupt. The PSM interrupt is the only interrupt at this highest
interrupt priority level.
PRIORITY 1
PRIORITY 0
PSM
HIGH
LOW
Figure 74. Interrupt Architecture
See the Power Supply Monitor Interrupt (PSM) section for
more information on the PSM interrupt.
INTERRUPT REGISTERS
The control and configuration of the interrupt system is carried out through four interrupt-related SFRs discussed in this section.
Table 63. Interrupt SFRs
SFR
Address
Default
Bit Addressable
Description
IE
0xA8
0x00
Yes
Interrupt Enable Register (see Table 64).
IP
0xB8
0x00
Yes
Interrupt Priority Register (see Table 65).
IEIP2
0xA9
0xA0
No
Secondary Interrupt Enable Register (see Table 66).
WDCON
0xC0
0x10
Yes
Watchdog Timer Configuration (see Table 71 and the Writing to the Watchdog Timer
SFR (WDCON, 0xC0) section).
Table 64. Interrupt Enable SFR (IE, 0xA8)
Bit No.
Address
Mnemonic
Description
7
0xAF
EA
Enables all Interrupt Sources. Set by the user. Cleared by the user to disable all interrupt sources.
6
0xAE
ETEMP
Enables the Temperature ADC Interrupt. Set by the user.
5
0xAD
ET2
Enables the Timer 2 Interrupt. Set by the user.
4
0xAC
ES
Enables the UART Serial Port Interrupt. Set by the user.
3
0xAB
ET1
Enables the Timer 1 Interrupt. Set by the user.
2
0xAA
EX1
Enables the External Interrupt 1 (INT1). Set by the user.
1
0xA9
ET0
Enables the Timer 0 Interrupt. Set by the user.
0
0xA8
EX0
Enables External Interrupt 0 (INT0). Set by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com