Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 83Page - Analog Devices ADE7569 Datasheet HTML 84Page - Analog Devices ADE7569 Datasheet HTML 85Page - Analog Devices ADE7569 Datasheet HTML 86Page - Analog Devices ADE7569 Datasheet HTML 87Page - Analog Devices ADE7569 Datasheet HTML 88Page - Analog Devices ADE7569 Datasheet HTML 89Page - Analog Devices ADE7569 Datasheet HTML 90Page - Analog Devices ADE7569 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 87 of 136
LCD DRIVER
Using shared pins, the LCD module is capable of directly
driving an LCD panel of 17 × 4 segments without comprising
any ADE7566/ADE7569 functions. It is capable of driving
LCDs with 2×, 3×, and 4× multiplexing. The LCD waveform
voltages generated through internal charge pump circuitry
support up to 5 V LCDs. An external resistor ladder for LCD
waveform voltage generation is also supported.
Each ADE7566/ADE7569 has an embedded LCD control circuit,
driver, and power supply circuit. The LCD module is functional
in all operating modes (see the Operating Modes section).
LCD REGISTERS
There are six LCD control registers that configure the driver for
the specific type of LCD in the end system and set up the user
display preferences. The LCD Configuration SFR (LCDCON,
0x95), LCD Configuration X SFR (LCDCONX, 0x9C), and
LCD Configuration Y SFR (LCDCONY, 0xB1) contain general
LCD driver configuration information including the LCD enable
and reset, as well as the method of LCD voltage generation and
multiplex level. The LCD Clock SFR (LCDCLK, 0x96)
configures timing settings for LCD frame rate and blink rate.
LCD pins are configured for LCD functionality in the LCD
Segment Enable SFR (LCDSEGE, 0x97) and LCD Segment
Enable 2 SFR (LCDSEGE2, 0xED).
Table 73. LCD Driver SFRs
SFR Address
R/W
Name
Description
0x95
R/W
LCDCON
LCD Configuration SFR (see Table 74).
0x96
R/W
LCDCLK
LCD Clock (see Table 78).
0x97
R/W
LCDSEGE
LCD Segment Enable (see Table 81).
0x9C
R/W
LCDCONX
LCD Configuration X (see Table 75).
0xAC
R/W
LCDPTR
LCD Pointer (see
Table 82).
0xAE
R/W
LCDDAT
LCD Data (see Table 83
0xB1
R/W
LCDCONY
LCD Configuration Y (see Table 77).
0xED
R/W
LCDSEGE2
LCD Segment Enable 2 (see Table 84).
Table 74. LCD Configuration SFR (LCDCON, 0x95)
Bit No.
Mnemonic
Value
Description
7
LCDEN
0
LCD Enable. If this bit is set, the LCD driver is enabled.
6
LCDRST
0
LCD Data Registers Reset. If this bit is set, the LCD data registers are reset to zero.
5
BLINKEN
0
Blink Mode Enable Bit. If this bit is set, blink mode is enabled. The blink mode is configured by the
BLKMOD[1:0] and BLKFREQ[1:0] bits in the LCD Clock SFR (LCDCLK, 0x96).
Force LCD off when in PSM2 (Sleep Mode).
LCDPSM2
Result
0
The LCD is disabled or enabled in PSM2 by LCDEN bit.
4
LCDPSM2
0
1
The LCD is disabled in PSM2 regardless of LCDEN setting.
LCD Clock Selection.
CLKSEL
Result
0
fLCDCLK = 2048 Hz
3
CLKSEL
0
1
fLCDCLK = 128 Hz
Bias Mode.
BIAS
Result
0
1/2
2
BIAS
0
1
1/3
LCD Multiplex Level.
LMUX[1:0]
Result
00
Reserved.
01
2× Multiplexing. FP27/COM3 is used as FP27. FP28/COM2 is used as FP28.
10
3× Mulitplexing. FP27/COM3 is used as FP27. FP28/COM2 is used as COM2.
1 to 0
LMUX[1:0]
0
11
4× Multiplexing. FP27/COM3 is used as COM3. FP28/COM2 is used as COM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com