Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 33Page - Analog Devices ADE7569 Datasheet HTML 34Page - Analog Devices ADE7569 Datasheet HTML 35Page - Analog Devices ADE7569 Datasheet HTML 36Page - Analog Devices ADE7569 Datasheet HTML 37Page - Analog Devices ADE7569 Datasheet HTML 38Page - Analog Devices ADE7569 Datasheet HTML 39Page - Analog Devices ADE7569 Datasheet HTML 40Page - Analog Devices ADE7569 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 37 of 136
Address
MADDPT[6:0]
Mnemonic
R/W
Length
(Bits)
Signed/
Unsigned
Default
Description
0x27
CF1NUM
R/W
16
U
0
Sets CF1 numerator register.
0x28
CF1DEN
R/W
16
U
0x003F
Sets CF1 denominator register.
0x29
CF2NUM
R/W
16
U
0
Sets CF2 numerator register.
0x2A
CF2DEN
R/W
16
U
0x003F
Sets CF2 denominator register.
1 This function is not available in the ADE7566 part.
ENERGY MEASUREMENT INTERNAL REGISTERS DETAILS
Table 30. MODE1 Register (0x0B)
Bit No.
Mnemonic
Default
Description
7
SWRST
0
Setting this bit resets all of the energy measurement registers to their default values.
6
DISZXLPF
0
Setting this bit disables the zero-crossing low-pass filter.
5
INTE
0
Setting this bit enables the digital integrator for use with a di/dt sensor.
4
SWAPBITS
0
Setting this bit swaps CH1 ADC and CH2 ADC.
3
PWRDN
0
Setting this bit powers down voltage and current ADCs.
2
DISCF2
1
Setting this bit disables Frequency Output CF2.
1
DISCF1
1
Setting this bit disables Frequency Output CF1.
0
DISHPF
0
Setting this bit disables the HPFs in voltage and current channels.
Table 31. MODE2 Register (0x0C)
Bit No.
Mnemonic
Default
Description
Configuration Bits for CF2 Output.
CF2SEL[1:0]
Result
00
CF2 frequency is proportional to active power.
01
CF2 frequency is proportional to reactive power.1
7 to 6
CF2SEL[1:0]
01
1x
CF2 frequency is proportional to apparent power or Irms.
5 to 4
CF1SEL[1:0]
00
Configuration Bits for CF1 Output.
CF1SEL[1:0]
Result
00
CF1 frequency is proportional to active power.
01
CF1 frequency is proportional to reactive power.1
1x
CF1 frequency is proportional to apparent power or Irms.
3
VARMSCFCON
0
Configuration Bits for Apparent Power or Irms for CF1 and CF2 Outputs. Note that CF1 cannot be
proportional to VA if CF2 is proportional to Irms, and vice versa.
VARMSCFCON
Result
0
If CF1SEL[1:0] = 1x, CF1 is proportional to VA.
If CF2SEL[1:0] = 1x, CF2 is proportional to VA.
1
If CF1SEL[1:0] = 1x, CF1 is proportional to Irms.
If CF2SEL[1:0] = 1x, CF2 is proportional to Irms.
2
ZXRMS
0
Logic 1 enables update of RMS values synchronously to voltage ZX.
1
FREQSEL
Configuration Bits to Select Period or Frequency Measurement for PER_FREQ Register (0x0A).
FREQSEL
Result
0
PER_FREQ register holds a period measurement.
1
PER_FREQ register holds a frequency measurement.
0
Reserved
1
This bit should be kept to 1.
1 This function is not available in the ADE7566 part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com