Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 45Page - Analog Devices ADE7569 Datasheet HTML 46Page - Analog Devices ADE7569 Datasheet HTML 47Page - Analog Devices ADE7569 Datasheet HTML 48Page - Analog Devices ADE7569 Datasheet HTML 49Page - Analog Devices ADE7569 Datasheet HTML 50Page - Analog Devices ADE7569 Datasheet HTML 51Page - Analog Devices ADE7569 Datasheet HTML 52Page - Analog Devices ADE7569 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 49 of 136
Current Channel RMS Calculation
Each ADE7566/ADE7569 simultaneously calculates the rms values
for the current and voltage channels in different registers. Figure 48
shows the detail of the signal processing chain for the rms
calculation on the current channel. The current channel rms
value is processed from the samples used in the current channel
waveform sampling mode and is stored in an unsigned 24-bit
register (Irms) . One LSB of the current channel rms register is
equivalent to one LSB of a current channel waveform sample.
The update rate of the current channel rms measurement is
MCLK/5. To minimize noise in the reading of the register, the
Irms register can also be configured to update only with the zero
crossing of the voltage input. This configuration is done by
setting the ZXRMS bit in the MODE2 Register (0x0C).
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately
±0d2,684,354 (see the Current Channel ADC section). The
equivalent rms value of a full-scale ac signal is 0d1,898,124
(0x1CF68C). The current rms measurement provided in the
ADE7566/ADE7569 is accurate to within 0.5% for signal inputs
between full scale and full scale/1000. The conversion from the
register value to amps must be done externally in the
microprocessor using an amps/LSB constant.
Current Channel RMS Offset Compensation
The ADE7566/ADE7569 incorporate a current channel rms
offset compensation register (IRMSOS). This is a 12-bit signed
register that can be used to remove offset in the current channel
rms calculation. An offset can exist in the rms calculation due
to input noises that are integrated in the dc component of V2(t).
The offset calibration allows the content of the Irms register to be
maintained at 0 when no input is present on current channel.
One LSB of the current channel rms offset is equivalent to
16,384 LSBs of the square of the current channel rms register.
Assuming that the maximum value from the current channel
rms calculation is 0d1,898,124 with full-scale ac inputs, then
1 LSB of the current channel rms offset represents 0.23% of
measurement error at −60 dB down of full scale.
32768
2
×
+
=
IRMSOS
I
I
0
rms
rms
(6)
where Irms0 is the rms measurement without offset correction.
Irms(t)
0x00
+
IRMSOS[11:0]
Irms[23:0]
226
225
sgn
227
217 216
218
24
24
dt
HPF
MODE1[5]
HPF
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR OFF
0xD70A3E
0x000000
0x28F5C2
60Hz
0xD487B0
IA
IB
0x2B7850
0x000000
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR ON (60Hz)
HPF1
DIGITAL
INTEGRATOR*
LPF3
Figure 48. Current Channel RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com