Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 84 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 80Page - Analog Devices ADE7569 Datasheet HTML 81Page - Analog Devices ADE7569 Datasheet HTML 82Page - Analog Devices ADE7569 Datasheet HTML 83Page - Analog Devices ADE7569 Datasheet HTML 84Page - Analog Devices ADE7569 Datasheet HTML 85Page - Analog Devices ADE7569 Datasheet HTML 86Page - Analog Devices ADE7569 Datasheet HTML 87Page - Analog Devices ADE7569 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 84 of 136
INTERRUPT VECTORS
When an interrupt occurs, the program counter is pushed onto
the stack, and the corresponding interrupt vector address is loaded
into the program counter. When the interrupt service routine is
complete, the program counter is popped off the stack by a RETI
instruction. This allows program execution to resume from where
it was interrupted. The interrupt vector addresses are shown in
Table 70.
Table 70. Interrupt Vector Addresses
Source
Vector Address
IE0
0x0003
TF0
0x000B
IE1
0x0013
TF1
0x001B
RI + TI
0x0023
TF2 + EXF2
0x002B
ITEMP (Temperature ADC)
0x0033
ISPI/I2CI
0x003B
IPSM (Power Supply)
0x0043
IADE (Energy Measurement DSP)
0x004B
IRTC (RTC Interval Timer)
0x0053
WDT (Watchdog Timer)
0x005B
INTERRUPT LATENCY
The 8051 architecture requires that at least one instruction
execute between interrupts. To ensure this, the 8051 MCU
core hardware prevents the program counter from jumping to
an ISR immediately after completing a RETI instruction or an
access of the IP and IE registers.
The shortest interrupt latency is 3.25 instruction cycles, 800 ns
with a clock of 4.096 MHz. The longest interrupt latency for a
high priority interrupt results when a pending interrupt is
generated during a low priority interrupt RETI, followed by a
multiply instruction. This results in a maximum interrupt
latency of 16.25 instruction cycles, 4 μs with a clock of 4.096 MHz.
CONTEXT SAVING
When the 8052 vectors to an interrupt, only the program counter
is saved on the stack. Therefore, the interrupt service routine
must be written to ensure that registers used in the main
program are restored to their pre-interrupt state. Common
registers that can be modified in the ISR are the accumulator
register and the PSW register. Any general-purpose registers
that are used as scratchpads in the ISR should also be restored
before exiting the interrupt. The following example 8051 code
shows how to restore some commonly used registers:
GeneralISR:
; save the current Accumulator value
PUSH
ACC
; save the current status and register
bank selection
PUSH
PSW
; service interrupt
…
; restore the status and register bank
selection
POP
PSW
; restore the accumulator
POP
ACC
RETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com