Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 125 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 125 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 121Page - Analog Devices ADE7569 Datasheet HTML 122Page - Analog Devices ADE7569 Datasheet HTML 123Page - Analog Devices ADE7569 Datasheet HTML 124Page - Analog Devices ADE7569 Datasheet HTML 125Page - Analog Devices ADE7569 Datasheet HTML 126Page - Analog Devices ADE7569 Datasheet HTML 127Page - Analog Devices ADE7569 Datasheet HTML 128Page - Analog Devices ADE7569 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 125 of 136
I2C COMPATIBLE INTERFACE
The ADE7566/ADE7569 support a fully licensed I2C interface.
The I2C interface is implemented as a full hardware master.
SDATA is the data I/O pin, and SCLK is the serial clock. These
two pins are shared with the MOSI and SCLK pins of the on-chip
SPI interface. Therefore, the user can enable only one interface
or the other on these pins at any given time. The SCPS bit in the
Configuration SFR (CFG, 0xAF) selects which peripheral is
active.
The two pins used for data transfer, SDATA and SCLK, are
configured in a wire-AND format that allows arbitration in a
multimaster system.
The transfer sequence of a I2C system consists of a master device
initiating a transfer by generating a start condition while the bus
is idle. The master transmits the address of the slave device and
the direction of the data transfer in the initial address transfer. If
the slave acknowledges, the data transfer is initiated. This continues
until the master issues a stop condition and the bus becomes idle.
SERIAL CLOCK GENERATION
The I2C master in the system generates the serial clock for a
transfer. The master channel can be configured to operate in
fast mode (256 kHz) or standard mode (32 kHz).
The bit rate is defined in the I2CMOD SFR as follows:
]
0
:
1
[
2
2
16
CR
I
CORE
SCLK
f
f
×
=
SLAVE ADDRESSES
The I2C Slave Address SFR (I2CADR, 0xE9) contains the slave
device ID. The LSB of this register contains a read/write request.
A write to this SFR starts the I2C communication.
I2C SFR REGISTER LIST
The I2C peripheral interface consists of five SFRs:
•
I2CMOD
•
SPI2CSTAT
•
I2CADR
•
SPI2CTx
•
SPI2CRx
Because the SPI and I2C serial interfaces share the same pins,
they also share the same SFRs, such as the SPI2CTx and SPIXCRx
SFRs. In addition, the I2CMOD, I2CADR, SPI2CSTAT, and
SPI2CTx SFRs are shared with the SPIMOD1, SPIMOD2, and
SPISTAT SFRs, respectively.
Table 140. I2C SFR Register List
SFR Address
Name
R/W
Length
Default
Description
0x9A
SPI2CTx
W
8
SPI/I2C Data out Register (see Table 134).
0x9B
SPI2CRx
R
8
0
SPI/I2C Data in Register (see Table 135).
0xE8
I2CMOD
R/W
8
0
I2C Configuration Register (see Table 141).
0xE9
I2CADR
R/W
8
0
I2C Configuration Register (see Table 142).
0xEA
SPI2CSTAT
R/W
8
0
SPI/I2C Interrupt Status Register (see Table 143).
Table 141. I2C Mode Register SFR (I2CMOD, 0xE8)
Bit No.
Address
Mnemonic
Default
Description
7
0xEF
I2CEN
0
I2C Enable Bit. When this bit is set to Logic 1, the I2C interface is enabled. A write to the
I2CADR SFR starts a communication.
6 to 5
0xEE to 0xED
I2CR[1:0]
0
I2C SCLK Frequency.
I2CR[1:0]
Result
00
fCORE/16 = 256 kHz if fCORE = 4.096 MHz
01
fCORE/32 = 128 kHz if fCORE = 4.096 MHz
10
fCORE/64 = 64 Hz if fCORE = 4.096 MHz
11
fCORE/128= 32 kHz if fCORE = 4.096 MHz
4 to 0
0xEC to 0xE8
I2CRCT[4:0]
0
Configures the length of the I2C received FIFO buffer. The I2C peripheral stops when
I2CRCT, Bit[4:0] + 1 byte have been read or if an error has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com