Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 39Page - Analog Devices ADE7566 Datasheet HTML 40Page - Analog Devices ADE7566 Datasheet HTML 41Page - Analog Devices ADE7566 Datasheet HTML 42Page - Analog Devices ADE7566 Datasheet HTML 43Page - Analog Devices ADE7566 Datasheet HTML 44Page - Analog Devices ADE7566 Datasheet HTML 45Page - Analog Devices ADE7566 Datasheet HTML 46Page - Analog Devices ADE7566 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 43 of 136
Anti-Aliasing Filter
Figure 33 also shows an analog low-pass filter (RC) on the input
to the modulator. This filter is present to prevent aliasing, an
artifact of all sampled systems. Aliasing means that frequency
components in the input signal to the ADC, which are higher
than half the sampling rate of the ADC, appear in the sampled
signal at a frequency below half the sampling rate. Figure 34
illustrates the effect. Frequency components (the black arrows)
above half the sampling frequency (also know as the Nyquist
frequency, that is, 409.6 kHz) are imaged or folded back down
below 409.6 kHz. This happens with all ADCs regardless of the
architecture. In the example shown, only frequencies near the
sampling frequency (819.2 kHz) move into the band of interest
for metering (40 Hz to 2 kHz). This allows the use of a very
simple LPF (low-pass filter) to attenuate high frequency (near
819.2 kHz) noise and prevents distortion in the band of interest.
For conventional current sensors, a simple RC filter (single-pole
LPF) with a corner frequency of 10 kHz produces an attenuation
of approximately 40 dB at 819.2 kHz (see Figure 34). The 20 dB
per decade attenuation is usually sufficient to eliminate the
effects of aliasing for conventional current sensors. However, for
a di/dt sensor such as a Rogowski coil, the sensor has a 20 dB
per decade gain. This neutralizes the −20 dB per decade
attenuation produced by one simple LPF. Therefore, when using
a di/dt sensor, care should be taken to offset the 20 dB per
decade gain. One simple approach is to cascade two RC filters
to produce the −40 dB per decade attenuation needed.
409.6
0
819.2
2
FREQUENCY (kHz)
SAMPLING
FREQUENCY
ALIASING EFFECTS
IMAGE
FREQUENCIES
Figure 34. ADC and Signal Processing in Current Channel Outline Dimensions
ADC Transfer Function
Both ADCs in the ADE7566/ADE7569 are designed to produce
the same output code for the same input signal level. With a
full-scale signal on the input of 0.5 V, and an internal reference
of 1.2 V, the ADC output code is nominally 2,684,354 or 0x28F5C2.
The maximum code from the ADC is ±4,194,304; this is equiva-
lent to an input signal level of ±0.794 V. However, for specified
performance, it is recommended that the full-scale input signal
level of 0.5 V not be exceeded.
Current Channel ADC
Figure 35 shows the ADC and signal processing chain for the
current channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum of
25.6 kSPS (MCLK/160).
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately between
0x28F5C2 (+2,684,354d) and 0xD70A3E (–2,684,354d).
PGA1
ADC
IAP
IN
I
REFERENCE
×1, ×2, ×4
×8, ×16
{GAIN[2:0]}
HPF
DIGITAL
INTEGRATOR*
dt
MODE1[5]
CURRENT RMS (I rms)
CALCULATION
WAVEFORM SAMPLE
REGISTER
ACTIVE AND REACTIVE
POWER CALCULATION
0V
V1
ANALOG
INPUT
RANGE
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV
CURRENT CHANNEL
WAVEORM
DATA RANGE
0x28F5C2
0x000000
0xD70A3E
CURRENT CHANNEL
WAVEORM
DATA RANGE AFTER
INTEGRATOR (50Hz)
0x342CD0
0x000000
0xCBD330
CURRENT CHANNEL
WAVEORM
DATA RANGE AFTER
INTEGRATOR (60Hz)
0x2B7850
0x000000
0xD487B0
60Hz
50Hz
*WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT WILL NOT BE FURTHER ATTENUATED.
Figure 35. ADC and Signal Processing in Current Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com