Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 26Page - Analog Devices ADE7566 Datasheet HTML 27Page - Analog Devices ADE7566 Datasheet HTML 28Page - Analog Devices ADE7566 Datasheet HTML 29Page - Analog Devices ADE7566 Datasheet HTML 30Page - Analog Devices ADE7566 Datasheet HTML 31Page - Analog Devices ADE7566 Datasheet HTML 32Page - Analog Devices ADE7566 Datasheet HTML 33Page - Analog Devices ADE7566 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 30 of 136
t1
t3
VDD
VDCIN
VP – VN
2.75V
1.2V
SAG LEVEL TRIP POINT
SAGCYC = 1
SAG EVENT
(FSAG = 1)
VDCIN EVENT
(FVDCIN = 1)
IF SWITCHOVER ON LOW VDCIN IS
ENABLED, AUTOMATIC BATTERY
SWITCHOVER VSW CONNECTED TO VBAT
BSO EVENT
(FBSO = 1)
Figure 26. Power Supply Management Interrupts and Battery Switchover with VDD or VDCIN Enabled for Battery Switchover
Table 24. Power Supply Event Timing Operating Modes
Parameter
Time
Description
t1
10 ns min
Time between when VDCIN goes below 1.2 V and when VSWF is raised.
t2
10 ns min
Time between when VDD falls below 2.75 V and when battery switchover occurs.
t3
30 ms
Time between when VDCIN falls below 1.2 V and when battery switchover occurs if VDCIN is enabled to cause battery
switchover.
t4
130 ms
Time between when power supply restore conditions are met (VDCIN above 1.2 V and VDD above 2.75 V if
BATPR[1:0] = 0b01 or VDD above 2.75 V if BATPR[1:0] = 0b00) and when VSW switches to VDD.
VP − VN
SAG LEVEL
TRIP POINT
SAG EVENT
VDCIN
1.2V
VDCIN EVENT
t3
t4
t2
t4
VDCIN EVENT
VBAT
VDD
2.75V
VSW
BATTERY SWITCH
ENABLED ON
LOW VDCIN
VSW
BATTERY SWITCH
ENABLED ON
LOW VDD
PSM0
PSM0
PSM0
PSM0
PSM1 OR PSM2
PSM1 OR PSM2
Figure 27. Power Supply Management Transitions Between Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com