Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 44Page - Analog Devices ADE7566 Datasheet HTML 45Page - Analog Devices ADE7566 Datasheet HTML 46Page - Analog Devices ADE7566 Datasheet HTML 47Page - Analog Devices ADE7566 Datasheet HTML 48Page - Analog Devices ADE7566 Datasheet HTML 49Page - Analog Devices ADE7566 Datasheet HTML 50Page - Analog Devices ADE7566 Datasheet HTML 51Page - Analog Devices ADE7566 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 48 of 136
PHASE COMPENSATION
The ADE7566/ADE7569 must work with transducers that can
have inherent phase errors. For example, a phase error of 0.1° to
0.3° is not uncommon for a current transformer (CT). These
phase errors can vary from part to part, and they must be
corrected to perform accurate power calculations. The errors
associated with phase mismatch are particularly noticeable at
low power factors. The ADE7566/ADE7569 provide a means of
digitally calibrating these small phase errors. The part allows a
small time delay or time advance to be introduced into the
signal processing chain to compensate for small phase errors.
Because the compensation is in time, this technique should only
be used for small phase errors in the range of 0.1° to 0.5°.
Correcting large phase errors using a time shift technique can
introduce significant phase errors at higher harmonics.
The phase calibration register (PHCAL[7:0]) is a twos complement,
signed, single-byte register that has values ranging from 0x82
(−126d) to 0x68 (104d).
The PHCAL register is centered at 0x40, meaning that writing
0x40 to the register gives 0 delay. By changing this register, the
time delay in the voltage channel signal path can change from
−231.93 μs to +48.83 μs (MCLK = 4.096 MHz). One LSB is
equivalent to 1.22 μs (MCLK/5) time delay or advance. A line
frequency of 60 Hz gives a phase resolution of 0.026° at the
fundamental (that is, 360° × 1.22 μs × 60 Hz).
Figure 46 illustrates how the phase compensation is used to
remove a 0.1° phase lead in current channel due to the external
transducer. To cancel the lead (0.1°) in current channel, a phase
lead must also be introduced into voltage channel. The resolution
of the phase adjustment allows the introduction of a phase lead
in increments of 0.026°. The phase lead is achieved by introducing
a time advance into voltage channel. A time advance of 4.88 μs
is made by writing −4 (0x3C) to the time delay block, thus
reducing the amount of time delay by 4.88 μs, or equivalently, a
phase lead of approximately 0.1° at a line frequency of 60 Hz
(0x3C represents −4 because the register is centered with 0 at 0x40).
1
1
0
1
0
0
1
70
PGA1
IAP
IN
I
ADC 1
HPF
24
PGA2
VP
VN
V
ADC 2
24
LPF2
V
I
60Hz
0.1°
I
V
CHANNEL 2 DELAY
REDUCED BY 4.48µs
(0.1°LEAD AT 60Hz)
0x0B IN PHCAL[7:0]
PHCAL[7:0]
–231.93µs TO +48.83µs
60Hz
1
1
DELAY BLOCK
1.22µs/LSB
Figure 46. Phase Calibration
RMS CALCULATION
The root mean square (rms) value of a continuous signal V(t) is
defined as
∫
×
=
T
rms
dt
t
V
T
V
0
2
)
(
1
(3)
For time sampling signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root. The
ADE7566/ADE7569 implement this method by serially squaring
the input, averaging them, and then taking the root square of
the average. The averaging part of this signal processing is done
by implementing a low-pass filter (LPF3 in Figure 47, Figure 48
Figure 49). This LPF has a −3dB cut-off frequency of 2 Hz when
MCLK = 4.096 MHz.
()
)
sin(
2
t
V
t
V
ω
×
=
(4)
where V is the rms voltage.
()
t
V
V
t
V
ω
−
=
2
cos
)
(
2
2
2
(5)
When this signal goes through LPF3, the cos(2ωt) term is attenu-
ated and only the DC term Vrms2 goes through (see Figure 47).
V
LPF3
INPUT
V 2
(t) = V2 – V2 cos(2ωt)
V 2
(t) = V2
V
(t) = √2 × V sin(ωt)
Figure 47. RMS Signal Processing
The rms signals can be read from the waveform register by
setting the WAVMODE Register (0x0D) and setting the WFSM
bit in the Interrupt Enable Register 3 SFR (MIRQENH, 0xDB).
Like the current and voltage channels waveform sampling
modes, the waveform date is available at sample rates of
27.9 kSPS, 14 kSPS, 7 kSPS, or 3.5 kSPS.
It is important to note that when the current input is larger than
40% of full scale, the Irms waveform sample register does not
represent the true processed rms value. The rms value processed
with this level of input is larger than the 24-bit read by the wave-
form register, making the value read truncated on the high end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com