Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 70 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 66Page - Analog Devices ADE7566 Datasheet HTML 67Page - Analog Devices ADE7566 Datasheet HTML 68Page - Analog Devices ADE7566 Datasheet HTML 69Page - Analog Devices ADE7566 Datasheet HTML 70Page - Analog Devices ADE7566 Datasheet HTML 71Page - Analog Devices ADE7566 Datasheet HTML 72Page - Analog Devices ADE7566 Datasheet HTML 73Page - Analog Devices ADE7566 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 70 of 136
8052 MCU CORE ARCHITECTURE
The ADE7566/ADE7569 have an 8052 MCU core and use the
8051 instruction set. Some of the standard 8052 peripherals,
such as the UART, have been enhanced. This section describes
the standard 8052 core and its enhancements used in the
ADE7566/ADE7569.
The special function register (SFR) space is mapped into the
upper 128 bytes of internal data memory space and is accessed
by direct addressing only. It provides an interface between the
CPU and all on-chip peripherals. A block diagram showing the
programming model of the ADE7566/ADE7569 via the SFR
area is shown in Figure 67.
All registers except the program counter (PC), instruction
register (IR), and the four general-purpose register banks
reside in the SFR area. The SFR registers include power
control, configuration, and data registers that provide an
interface between the CPU and all on-chip peripherals.
ENERGY
MEASUREMENT
PC
16kB ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE
PROGRAM/DATA
MEMORY
8051
COMPATIBLE
CORE
256 BYTES XRAM
OTHER ON-CHIP
PERIPHERALS:
SERIAL I/O
WDT
TIMERS
BATTERY
ADC
LCD DRIVER
TEMPERATURE
ADC
RTC
POWER
MANAGEMENT
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
IR
STACK
256 BYTES
GENERAL
PURPOSE
RAM
REGISTER
BANKS
Figure 67. ADE7566/ADE7569 Block Diagram
MCU REGISTERS
The registers used by the MCU are summarized in this section.
Table 52. 8051 SFRs
SFR
Address
Bit Addressable
Description
A
0xE0
Yes
Accumulator.
B
0xF0
Yes
Auxiliary Math Register.
PSW
0xD0
Yes
Program Status Word (see Table 53).
PCON
0x87
No
Power Control Register (see Table 54).
DPL
0x82
No
Data Pointer LSByte (see Table 55).
DPH
0x83
No
Data Pointer MSByte (see Table 56).
DPTR
0x83 and 0x82
No
16-Bit Data Pointer (see Table 57).
SP
0x81
No
Stack Pointer LSByte (see Table 58).
CFG
0xAF
No
Configuration (see Table 59).
Table 53. Program Status Word SFR (PSW, 0xD0)
Bit No.
Address
Mnemonic
Description
7
0xD7
CY
Carry Flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
6
0xD6
AC
Auxiliary Carry Flag. Modified by ADD and ADDC instructions.
5
0xD5
F0
General-Purpose Flag Available to the User.
Register Bank Select Bits.
RS1
RS0
Result (Selected Bank)
0
0
0
0
1
1
1
0
2
4 to 3
0xD4, 0xD3
RS1, RS0
1
1
3
2
0xD2
OV
Overflow Flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
1
0xD1
F1
General-Purpose Flag Available to the User.
0
0xD0
P
Parity Bit. The number of bits set in the accumulator added to the value of the parity bit is always an
even number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com