Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 2Page - Analog Devices ADE7566 Datasheet HTML 3Page - Analog Devices ADE7566 Datasheet HTML 4Page - Analog Devices ADE7566 Datasheet HTML 5Page - Analog Devices ADE7566 Datasheet HTML 6Page - Analog Devices ADE7566 Datasheet HTML 7Page - Analog Devices ADE7566 Datasheet HTML 8Page - Analog Devices ADE7566 Datasheet HTML 9Page - Analog Devices ADE7566 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 6 of 136
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-ON RESET (POR)
VDD POR
Detection Threshold
1.6
2.9
V
POR Active Timeout Period
TBD
ms
Strobe Period in Battery Operation
TBD
ms
VSWOUT POR
Detection Threshold
1.8
2.2
V
POR Active Timeout Period
TBD
ms
VINTD POR
Detection Threshold
2.25
2.4
V
POR Active Timeout Period
TBD
ms
VINTA POR
Detection Threshold
2.25
2.4
V
POR Active Timeout Period
TBD
ms
BATTERY SWITCH OVER
Voltage Operating Range (VSWOUT)
2.4
3.7
V
VDD to VBAT Switching
Switching Threshold (VDD)
2.75
TBD
V
Switching Delay
10
ns
When VDD to VBAT switch activated by VDD
Switching Delay
30
ms
When VDD to VBAT switch activated by VDCIN
VBAT to VDD Switching
Switching Threshold (VDD)
2.75
TBD
V
Switching Delay
130
ms
Based on VDD > 2.75V
VSWOUT To VBAT Leakage Current
1
nA
LCD, CHARGE PUMP ACTIVE
Charge Pump Capacitance Between
LCDVP1 and LCDVP2
100
nF
LCDVA, LCDVB, LCDVC Decoupling
Capacitance
470
nF
LCDVA
0
1.7
V
LCDVB
0
4.0
V
1/2 bias modes
LCDVB
0
3.4
V
1/3 bias modes
LCDVC
0
5.1
V
1/3 bias mode
LCD Stand-By Current
100
nA
1/2 and 1/3 bias modes
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
DC Voltage Across Segment and COM Pin
50
mV
LCDVC − LCDVB, LCDVC − LCDVA, or
LCDVB − LCDVA
LCD, RESISTOR LADDER ACTIVE
Leakage Current
±20
nA
1/2 and 1/3 bias modes, no load
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
ON-CHIP REFERENCE
Reference Error
±0.9
mV
Power Supply Rejection
80
dB
Temperature Coefficient1
35
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com