Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 20Page - Analog Devices ADE7566 Datasheet HTML 21Page - Analog Devices ADE7566 Datasheet HTML 22Page - Analog Devices ADE7566 Datasheet HTML 23Page - Analog Devices ADE7566 Datasheet HTML 24Page - Analog Devices ADE7566 Datasheet HTML 25Page - Analog Devices ADE7566 Datasheet HTML 26Page - Analog Devices ADE7566 Datasheet HTML 27Page - Analog Devices ADE7566 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 24 of 136
Table 15. Power Management Interrupt Flag SFR (IPSMF, 0xF8)
Bit No.
Address
Mnemonic
Default
Description
7
0xFF
FPSR
0
Power Supply Restored Interrupt Flag. Set when the VDD power supply has been restored.
This occurs when the source of VSW changes from VBAT to VDD.
6
0xFE
FPSM
0
PSM Interrupt Flag. Set when an enabled PSM interrupt condition occurs.
5
0xFD
FSAG
0
Voltage SAG Interrupt Flag. Set when an ADE energy measurement SAG condition occurs.
4
0xFC
RESERVED
0
This bit must be kept cleared for proper operation.
3
0xFB
FVADC
0
VDCIN Monitor Interrupt Flag. Set when VDCIN changes by VDCIN_DIFF or when VDCIN measurement is
ready.
2
0xFA
FBAT
0
VBAT Monitor Interrupt Flag. Set when VBAT falls below BATVTH or when VBAT measurement is ready.
1
0xF9
FBSO
0
Battery Switchover Interrupt Flag. Set when VSW switches from VDD to VBAT.
0
0xF8
FVDCIN
0
VDCIN Monitor Interrupt Flag. Set when VDCIN falls below 1.2 V.
Table 16. Battery Switchover Configuration SFR (BATPR, 0xF5)
Bit No.
Mnemonic
Default
Description
7 to 2
Reserved
00
These bits must be kept to 0 for proper operation.
Control Bits for Battery Switchover.
BATPRG[1:0]
Result
00
Battery switchover enabled on low VDD
01
Battery switchover enabled on low VDD and low VDCIN
1 to 0
BATPRG[1:0]
00
1X
Battery switchover disabled
Table 17. Peripheral Configuration SFR (PERIPH, 0xF4)
Bit No.
Mnemonic
Default
Description
7
RXFLAG
0
If set, indicates that an Rx edge event triggered wake-up from PSM2.
6
VSWSOURCE
1
Indicates the power supply that is internally connected to VSW (0 VSW = VBAT, 1 VSW = VDD).
5
VDD_OK
1
If set, indicates that VDD power supply is ready for operation.
4
PLL_FLT
0
If set, indicates that a PLL fault occurred where the PLL lost lock. Set the PLLACK bit in the Start ADC
Measurement SFR (ADCGO, 0xD8) to acknowledge the fault and clear the PLL_FLT bit.
3
REF_BAT_EN
0
If set, internal voltage reference enabled in PSM2 mode. This bit should be set if LCD is on in PSM2 mode.
2
Reserved
0
This bit should be kept to zero.
Controls the function of the P1.0/RxD pin.
RXPROG[1:0]
Result
00
GPIO
01
RxD with wake-up disabled
1 to 0
RXPROG[1:0]
00
11
RxD with wake-up enabled
Table 18. Power Management Interrupt Enable SFR (IPSME, 0xEC)
Bit No.
Interrupt Enable Bit
Default
Description
7
EPSR
0
Enables a PSM interrupt when the power supply restored flag (FPSR) is set.
6
RESERVED
0
Reserved.
5
ESAG
0
Enables a PSM interrupt when the voltage SAG flag (FSAG) is set.
4
RESERVED
0
This bit must be kept cleared for proper operation.
3
EVSW
0
Enables a PSM interrupt when the VSW monitor flag (FVSW) is set.
2
EBAT
0
Enables a PSM interrupt when the VBAT monitor flag (FBAT) is set.
1
EBSO
0
Enables a PSM interrupt when the battery switchover flag (BSFO) is set.
0
EVDCIN
0
Enables a PSM interrupt when the VDCIN monitor flag (FVDCIN) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com