Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 8Page - Analog Devices ADE7566 Datasheet HTML 9Page - Analog Devices ADE7566 Datasheet HTML 10Page - Analog Devices ADE7566 Datasheet HTML 11Page - Analog Devices ADE7566 Datasheet HTML 12Page - Analog Devices ADE7566 Datasheet HTML 13Page - Analog Devices ADE7566 Datasheet HTML 14Page - Analog Devices ADE7566 Datasheet HTML 15Page - Analog Devices ADE7566 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 12 of 136
Table 5. SPI Master Mode Timing (SPICPHA = 0) Parameters
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
(SPIR + 1) × tCORE1
ns
tSH
SCLK high pulse width
(SPIR + 1) × tCORE1
ns
tDAV
Data output valid after SCLK edge
25
ns
tDOSU
Data output setup before SCLK edge
75
ns
tDSU
Data input setup time before SCLK edge
TBD
ns
tDHD
Data input hold time after SCLK edge
TBD
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSR
SCLK rise time
5
12.5
ns
tSF
SCLK fall time
5
12.5
ns
1 tCORE depends on the clock divider or CD bits of the POWCON SFR, tCORE = 2CD/4.096 MHz.
SCLK
(SPICPOL = 0)
t
DSU
SCLK
(SPICPOL = 1)
MOSI
MISO
MSB
LSB
LSB IN
BITS 6–1
BITS 6–1
t
DHD
t
DR
t
DAV
t
DF
t
DOSU
t
SH
t
SL
t
SR
t
SF
MSB IN
Figure 5. SPI Master Mode Timing (SPICPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com