Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 65 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 61Page - Analog Devices ADE7569 Datasheet HTML 62Page - Analog Devices ADE7569 Datasheet HTML 63Page - Analog Devices ADE7569 Datasheet HTML 64Page - Analog Devices ADE7569 Datasheet HTML 65Page - Analog Devices ADE7569 Datasheet HTML 66Page - Analog Devices ADE7569 Datasheet HTML 67Page - Analog Devices ADE7569 Datasheet HTML 68Page - Analog Devices ADE7569 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 65 of 148
active and reactive energy register, these values can be
compared easily. The energies are calculated more accurately
because of this precise timing control and provide all the
information needed for reactive power and power factor
calculation. At the end of an energy calibration cycle, the
CYCEND flag in the Interrupt Status Register 3 SFR
(MIRQSTH, 0xDE) is set. If the CYCEND enable bit in the
Interrupt Enable Register 3 SFR (MIRQENH, 0xDB) is enabled,
the 8052 core has a pending ADE interrupt.
As for LWATTHR, when a new half line cycles is written in
LINECYC register, the LVAHR register is reset and a new
accumulation start at the next zero-crossing. The number of
half line cycles is then counted until LINCY is reached. This
implementation provides a valid measurement at the first
CYCEND interrupt after writing to the LINCYC register. The
line apparent energy accumulation uses the same signal path as
the apparent energy accumulation. The LSB size of these two
registers is equivalent.
VADIV[7:0]
LPF1
+
+
LVAHR [23:0]
LVAHR REGISTER IS
UPDATED EVERY LINCYC
ZERO CROSSINGS WITH THE
TOTAL APPARENT ENERGY
DURING THAT DURATION
APPARENT
POWER
FROM
VOLTAGE CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
Figure 51. ADE75XX/ADE71XX Line cycle Apparent Energy Accumulation
Apparent power no-Load detection
The ADE75XX/ADE71XX includes a no-load threshold feature
on the apparent energy that eliminates any creep effects in the
meter. The ADE75XX/ADE71XX accomplishes this by not
accumulating energy if the multiplier output is below the no-
load threshold. When the apparent power is below the no-load
threshold, the VANOLOAD flag in the Interrupt Status Register
1 SFR (MIRQSTL, 0xDC) is set. If the VANOLOAD bit is set in
the Interrupt Enable Register 1 SFR (MIRQENL, 0xD9), the
8052 core has a pending ADE interrupt. The ADE interrupt
stays active until the APNOLOAD status bit is cleared—see
Energy measurement interrupts section.
The No-load threshold level is selectable by setting bits
VANOLOAD in the NLMODE register (0x0E). Setting these
bits to 0b00 disable the no-load detection and setting them to
0b01, 0b10 or 0b11 set the no-load detection threshold to
0.030%, 0.015% and 0.0075% of the full-scale output frequency
of the multiplier respectively.
This no-load threshold can also be applied to the Irms pulse
output when selected. The level of no-load threshold is the same
as for the Apparent energy in this case.
ENERGY-TO-FREQUENCY CONVERSION
ADE75XX/ADE71XX also provides two energy-to-frequency
conversions for calibration purposes. After initial calibration at
manufacturing, the manufacturer or end customer often verify
the energy meter calibration. One convenient way to verify the
meter calibration is for the manufacturer to provide an output
frequency, which is proportional to the active, reactive, apparent
power or Irms under steady load conditions. This output
frequency can provide a simple, single-wire, optically isolated
interface to external calibration equipment. Figure 52 illustrates
the energy-to-frequency conversion in the
ADE75XX/ADE71XX.
CFx
Pulse
output
CFxNUM
CFxDEN
DFC
VAR
VA
Irms
CFxSEL[1:0]
WATT
VARMSCFCON
MODE2 Register 0x0C
Figure 52. ADE75XX/ADE71XX Energy-to-Frequency Conversion
Two digital-to-frequency converters (DFC) are used to generate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com