Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 72 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 68Page - Analog Devices ADE7569 Datasheet HTML 69Page - Analog Devices ADE7569 Datasheet HTML 70Page - Analog Devices ADE7569 Datasheet HTML 71Page - Analog Devices ADE7569 Datasheet HTML 72Page - Analog Devices ADE7569 Datasheet HTML 73Page - Analog Devices ADE7569 Datasheet HTML 74Page - Analog Devices ADE7569 Datasheet HTML 75Page - Analog Devices ADE7569 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 72 of 148
new value only when the Battery flag is set in the Power
Management Interrupt Flag SFR (IPSMF, 0xF8).
EXTERNAL VOLTAGE MEASUREMENT
The ADE75XX/ADE71XX includes a dedicated ADC to provide
a digital measurement of an external voltage, on the VDCIN pin.
An 8-bit SFR (Table 50. VDCIN ADC value SFR (VDCINADC,
0xEF)) holds the results of the conversion. The resolution of the
external voltage measurement is TBD V/LSB. There are two
ways to initiate an external voltage conversion:
- Single External Voltage Measurement
- Background ExternalVoltage Measurements
Single External voltage Measurement
Set the VADC bit in the Start ADC Measurement SFR
(ADCGO, 0xD8) to get an external voltage measurement. An
interrupt will be generated when the conversion is done and the
external voltage measurement is available in the Table 50.
VDCIN ADC value SFR (VDCINADC, 0xEF).
Background External Voltage Measurements
Background external voltage measurements are disabled by
default. To configure the background external voltage
measurement mode, set an external voltage measurement
interval in the Peripheral ADC Strobe Period SFR (STRBPER,
0xF9). Then external voltage measurements will be performed
periodically in the background – see Table 46. When an external
voltage conversion completes, the new external voltage ADC
value is compared to the last external voltage ADC value that
created an interrupt. If the absolute difference between the two
values is greater than the setting in the VDCIN_DIFF bits in the
Temperature and Voltage ADC Delta SFR (DIFFPROG, 0xF3), a
VDCIN ADC flag is set. This VDCIN ADC flag is the FVADC
in the Power Management Interrupt Flag SFR (IPSMF, 0xF8),
used for power supply monitoring. This VDCIN ADC flag can
be enabled to generate a PSM interrupt by setting the EVADC
bit in the Power Management Interrupt Enable SFR (IPSME,
0xEC). This method allows external voltage measurements to
take place completely in the background, only requiring MCU
activity if the external voltage has changed more than a
configurable delta.
To set up background external voltage measurements:
1.
Initiate a single external voltage measurement by
setting the VADC bit in the Start ADC Measurement
SFR (ADCGO, 0xD8).
2.
Upon completion of this measurement, configure the
VDCIN_DIFF[2:0] bits to establish the change in
voltage that will set the FVADC in the Power
Management Interrupt Flag SFR (IPSMF, 0xF8).
3.
Set up the interval for background external voltage
measurements by configuring the
VDCIN_PERIOD[1:0] bits.
External voltage ADC in PSM1 and PSM2
Depending on the operating mode of the
ADE75XX/ADE71XX, an external voltage conversion is
initiated only by certain actions:
PSM0: In this operating mode, the 8052 is active. External
voltage measurements are available in the background
measurement mode and by initiating a single measurement.
PSM1: In this operating mode, the 8052 is active and the part is
powered from battery. Single external voltage measurements
can be initiated by setting the VADC bit in the Start ADC
Measurement SFR (ADCGO, 0xD8). Background external
voltage measurements are not available.
PSM2: In this operating mode, the 8052 is not active. External
voltage conversions are available through the background
measurement mode only.
The external voltage ADC, VDCIN ADC value SFR
(VDCINADC, 0xEF), is updated with a new value only when an
external voltage ADC interrupt occurs.
External voltage ADC interrupt
The external voltage ADC can generate an ADC interrupt when
at least one of the following conditions occurs:
- The difference between the new external voltage ADC value
and the last external voltage ADC value generating an ADC
interrupt is larger than the value set in the VDCIN_DIFF bits.
- The External voltage ADC conversion, initiated by setting
TEMP_ADC_GO, is finished.
When the ADC interrupt occurs, a new value is available in the
VDCIN ADC value SFR (VDCINADC, 0xEF). Note that there
is no flag associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com