Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 98 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 98 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 94Page - Analog Devices ADE7569 Datasheet HTML 95Page - Analog Devices ADE7569 Datasheet HTML 96Page - Analog Devices ADE7569 Datasheet HTML 97Page - Analog Devices ADE7569 Datasheet HTML 98Page - Analog Devices ADE7569 Datasheet HTML 99Page - Analog Devices ADE7569 Datasheet HTML 100Page - Analog Devices ADE7569 Datasheet HTML 101Page - Analog Devices ADE7569 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 98 of 148
LCD SETUP
The LCD Configuration SFR (LCDCON, 0x95) configures the
LCD module to drive the type of LCD in the user end system.
The BIAS and LMUX[1:0] bits in this SFR should be set
according to the LCD specifications.
The COM2/FP28 and COM3/FP27 pins default to LCD
segment lines. Selecting the 3x multiplex level in the LCD
Configuration SFR (LCDCON, 0x95) by setting LMUX[1:0] to
2d, changes the FP28 pin functionality to COM2. The 4x
multiplex level selection, LMUX[1:0]=3d, changes the FP28 pin
to COM2 and the FP27 pin to COM3.
LCD segments FP0-FP15 are enabled by default. Additional
pins are selected for LCD functionality in the LCD Segment
Enable SFR (LCDSEGE, 0x97) and LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED) where there are individual enable bits for
segment pins FP16-25. The LCD pins do not have to be enabled
sequentially. For example, if the alternate function of FP23, the
timer 2 input, is required, then any of the other shared pins,
FP16-25, could be enabled instead.
The Display Element Control section contains details about
setting up the LCD data memory to turn individual LCD
segments ON and OFF. Setting the LCDRST bit in the LCD
Configuration SFR (LCDCON, 0x95) will reset the LCD data
memory to its default, zero. A power on reset also clears the
LCD data memory.
LCD TIMING AND WAVEFORMS
An LCD segment acts like a capacitor that is charged and
discharged at a certain rate. The rate at which these capacitors
are charged and discharged, the refresh rate, determines the
visual characteristics of the LCD. A slow refresh rate will result
in the user being able to see the LCD blink on and off in
between refreshes. A fast refresh rate will present a screen that
appears to be lit up continuously. However, a faster refresh rate
consumes more power.
The frame rate, or refresh rate, for the LCD module is derived
from the LCD clock, fLCDCLK. The LCD clock is selected as
2048Hz or 128Hz by the CLKSEL bit in the LCD Configuration
X SFR (LCDCONX, 0x9C). The minimum refresh rate that is
needed for the LCD to appear solid, without blinking, is
independent of the multiplex level.
The LCD waveform frequency, fLCD, is the frequency at which
the LCD switches which common line is active. Thus the LCD
waveform frequency depends heavily on the multiplex level.
The frame rate and LCD waveform frequency are set by fLCDCLK,
the multiplex level and the FD[3:0] frame rate selection bits in
the LCD Clock SFR (LCDCLK, 0x96).
The LCD module provides 16 different frame rates for
fLCDCLK=2048Hz, ranging from 8 to 128Hz for an LCD with 4x
multiplexing. There are fewer options available with
fLCDCLK=128Hz, ranging from 8 to 32Hz for a 4x multiplexed
LCD. The 128Hz clock is beneficial for battery operation
because it consumes less power than the 2048Hz clock. The
frame rate is set by the FD[3:0] bits in the LCD Clock SFR
(LCDCLK, 0x96)—see Table 79 and Table 80.
The LCD waveform is inverted at twice the LCD waveform
frequency, fLCD. This way each frame has an average DC offset of
zero. ADC offset would degrade the lifetime and performance
of the LCD.
BLINK MODE
Blink mode is enabled by setting the BLINKEN bit in the LCD
Configuration SFR (LCDCON, 0x95). This mode is used to
alternate between LCD on and off states so that the LCD screen
appears to blink. There are two blinking modes: a software
controlled blink mode and an automatic blink mode.
Software Controlled Blink Mode
The LCD blink rate can be controlled by user code with the
BLKMOD[1:0] bits in the LCD Clock SFR (LCDCLK, 0x96) by
toggling the bits to turn the display on and off at a rate
determined by the MCU code.
Automatic Blink Mode
There are five blink rates available if the RTC peripheral is
enabled (enable the RTC by…xxx). These blink rates are
selected by the BLKMOD[1:0] and BLKFREQ[1:0] bits in the
LCD Clock SFR (LCDCLK, 0x96) – see Table 78.
DISPLAY ELEMENT CONTROL
A bank of 15 bytes of data memory located in the LCD module
controls the on or off state of each segment of the LCD. The
LCD data memory is stored in addresses 0 through 14 in the
LCD module. Each byte configures the on and off states of two
segment lines. The LSBs store the state of the even numbered
segment lines and the MSBs store the state of the odd
numbered segment lines. For example, LCD data address zero
refers to segment lines one and zero—see Table 85. Note that
the LCD data memory is maintained in the PSM2 operating
mode.
Table 85. LCD Data Memory accessed indirectly through
LCD Pointer SFR (LCDPTR, 0xAC) and LCD Data SFR
(LCDDAT, 0xAE)
LCD Memory
Address
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0
0Eh
FP28
FP28
FP28
FP28
0Dh
FP27
FP27
FP27
FP27
FP26
FP26
FP26
FP26
0Ch
FP25
FP25
FP25
FP25
FP24
FP24
FP24
FP24
0Bh
FP23
FP23
FP23
FP23
FP22
FP22
FP22
FP22
0Ah
FP21
FP21
FP21
FP21
FP20
FP20
FP20
FP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com