Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 81Page - Analog Devices ADE7569 Datasheet HTML 82Page - Analog Devices ADE7569 Datasheet HTML 83Page - Analog Devices ADE7569 Datasheet HTML 84Page - Analog Devices ADE7569 Datasheet HTML 85Page - Analog Devices ADE7569 Datasheet HTML 86Page - Analog Devices ADE7569 Datasheet HTML 87Page - Analog Devices ADE7569 Datasheet HTML 88Page - Analog Devices ADE7569 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 85 of 148
0
0xA8
EX0
Set by the user to enable External Interrupt 0 (INT0).
Table 64. Interrupt priority SFR (IP, 0xB8)
Bit Location
Bit
Addr.
Bit Name
Description
7
0xBF
PADE
ADE Energy Measurement Interrupt Priority (1 = High; 0 =
Low).
6
0xBE
PTEMP
Temperature ADC Interrupt Priority (1 = High; 0 = Low).
5
0xBD
PT2
Timer 2 Interrupt Priority (1 = High; 0 = Low).
4
0xBC
PS
UART Serial Port Interrupt Priority (1 = High; 0 = Low).
3
0xBB
PT1
Timer 1 Interrupt Priority (1 = High; 0 = Low).
2
0xBA
PX1
INT1 (External Interrupt 1) priority (1 = High; 0 = Low).
1
0xB9
PT0
Timer 0 Interrupt Priority (1 = High; 0 = Low).
0
0xB8
PX0
INT0 (External Interrupt 0) Priority (1 = High; 0 = Low).
Table 65. Interrupt Enable and Priority 2 SFR (IEIP2, 0xA9)
Bit
Location
Bit
Mnemonic
Description
7
6
PTI
RTC Interrupt Priority (1 = High; 0 = Low).
5
4
PSI
SPI/I2C Interrupt Priority (1 = High; 0 = Low).
3
EADE
Set by the user to enable the Energy Metering Interrupt (ADE)
2
ETI
Set by the user to enable the RTC interrupt.
1
EPSM
Set by the user to enable the PSM Power Supply Management interrupt.
0
ESI
Set by the user to enable the SPI/I2C interrupt.
Interrupt pins configuration SFR (INTPR, 0xFF)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RTCCAL
0
Control RTC calibration output
When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window
FSEL[1:0]
Calibration window, fRTCCAL calibration frequency
0
0
30.5 seconds, 1Hz
0
1
30.5 seconds, 512 Hz
1
0
0.244 seconds, 500Hz
6-5
FSEL[1:0]
1
1
0.244 seconds, 16.384 kHz
4
Reserved
Controls the function of INT1
INT1PRG[2:0]
Function
x
0
0
GPIO
x
0
1
BCTRL
0
1
x
INT1 input disabled
3-1
INT1PRG[2:0]
000
1
1
x
INT1 input enabled
Controls the function of INT0
INT0PRG
Function
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com