Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 20Page - Analog Devices ADE7569 Datasheet HTML 21Page - Analog Devices ADE7569 Datasheet HTML 22Page - Analog Devices ADE7569 Datasheet HTML 23Page - Analog Devices ADE7569 Datasheet HTML 24Page - Analog Devices ADE7569 Datasheet HTML 25Page - Analog Devices ADE7569 Datasheet HTML 26Page - Analog Devices ADE7569 Datasheet HTML 27Page - Analog Devices ADE7569 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 24 of 148
Controls the function of INT0
INT0PRG
Function
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled
Table 13. Power Management Interrupt Flag SFR (IPSMF, 0xF8)
Bit
Location
Bit
Addr.
Bit Name
Default
Value
Description
7
0xFF
FPSR
0
Power Supply Restored Interrupt flag.
Set when the VDD power supply has been restored. This occurs when the source
of VSW changes from VBAT to VDD.
6
0xFE
FPSM
0
PSM Interrupt flag.
Set when an enabled PSM interrupt condition occurs.
5
0xFD
FSAG
0
Voltage SAG Interrupt flag.
Set when an ADE energy measurement SAG condition occurs.
4
0xFC
RESERVED
0
This bit must be kept cleared for proper operation
3
0xFB
FVADC
0
VDCIN ADC interrupt flag.
Set when VDCIN changes by VDCINDIF or when a VDCIN measurement is ready.
2
0xFA
FBAT
0
VBAT Monitor interrupt flag.
Set when VBAT falls below BATVTH or when the VBAT measurement is ready.
1
0xF9
FBSO
0
Battery Switchover interrupt flag.
Set when VSW switches from VDD to VBAT.
0
0xF8
FVDC
0
VDCIN Monitor interrupt flag.
Set when VDCIN falls below 1.2V.
Table 14. Battery Switchover Configuration SFR (BATPR, 0xF5)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-2
Reserved
00
These bits must be kept to 0 for proper operation
Control bits for Battery Switchover.
BATPRG [1:0]
Function
0
0
Battery Swichover Enabled on Low VDD
0
1
Battery Swichover Enabled on Low VDD and Low VDCIN
1-0
BATPRG [1:0]
00
1
X
Battery Switchover Disabled
Table 15. Peripheral Configuration SFR (PERIPH, 0xF4)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RXFLAG
0
If set, indicates that a RX Edge event triggered wakeup from PSM2
Indicates the power supply that is connected internally to VSW.
0 VSW=VBAT
6
VSWSOURCE
1
1 VSW=VDD
5
VDD_OK
1
If set, indicates that VDD power supply is ok for operation
4
PLL_FLT
0
If set, indicates that a PLL fault occurred where the PLL lost lock. Set the PLL_FLT_ACK bit in the
Start ADC Measurement SFR (ADCGO, 0xD8) SFR to acknowledge the fault and clear the
PLL_FLT bit
3
REF_BAT_EN
0
If set, Internal voltage reference enabled in PSM2 mode. This bit should be set to maintain the
LCD in PSM2 mode.
2
Reserved
0
This bit should be kept to zero
Controls the function of the P1.0/RX pin.
RXPROG [1:0]
Function
1-0
RXPROG[1:0]
00
0
0
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com