Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 83Page - Analog Devices ADE7569 Datasheet HTML 84Page - Analog Devices ADE7569 Datasheet HTML 85Page - Analog Devices ADE7569 Datasheet HTML 86Page - Analog Devices ADE7569 Datasheet HTML 87Page - Analog Devices ADE7569 Datasheet HTML 88Page - Analog Devices ADE7569 Datasheet HTML 89Page - Analog Devices ADE7569 Datasheet HTML 90Page - Analog Devices ADE7569 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 87 of 148
INTERRUPT PRIORITY
If two interrupts of the same priority level occur simultaneously, the polling sequence, as shown in
Table 67, is observed.
Table 67. Priority within Interrupt Level
Source
Priority
Description
IPSM
0 (Highest)
Power Supply Monitor Interrupt
IRTC
1
RTC interrupt
IADE
2
ADE Energy measurement interrupt
WDT
3
Watchdog Timer Overflow Interrupt
ITEMP
4
Temperature ADC interrupt
IE0
5
External Interrupt 0
TF0
6
Timer/Counter 0 Interrupt
IE1
7
External Interrupt 1
TF1
8
Timer/Counter 1 Interrupt
ISPI/I2CI
9
SPI/I2C Interrupt
RI/TI
10
UART Serial Port Interrupt
TF2/EXF2
11 (Lowest)
Timer/Counter 2 Interrupt
INTERRUPT FLAGS
The interrupt and status flags associated with the interrupt vectors are shown in Table 68 and Table 69. Most of the interrupts have flags
associated with them.
Table 68. Interrupt Flags
Interrupt Source
Flags
Bit
Address
Details
IE0
TCON.1
IE0
External Interrupt 0
Note: The INT0PRG bit must be set in the Interrupt pins configuration SFR
(INTPR, 0xFF) to allow the INT0 signal into the chip
TF0
TCON.5
TF0
Timer 0
IE1
TCON.3
IE1
External Interrupt 1
Note: The INT1PRG[2] bit must be set in the Interrupt pins configuration SFR
(INTPR, 0xFF) to allow the INT1 signal into the chip
TF1
TCON.7
TF1
Timer 1
SCON.1
TI
Transmit Interrupt
RI + TI
SCON.0
RI
Receive Interrupt
T2CON.7
TF2
Timer 2 overflow flag
TF2 + EXF2
T2CON.6
EXF2
Timer 2 external flag
ITEMP (Temperature
ADC)
-
The Temperature ADC interrupt does not have an interrupt flag associated with
it.
IPSM (Power Supply)
IPSMF.6
FPSM
PSM interrupt flag
IADE (Energy
Measurement DSP)
MIRQSTL.7
Read MIRQSTH, MIRQSTM, MIRQSTL. Write a “0” to a bit to clear and
acknowledge the event.
Table 69. Status Flags
Interrupt Source
Flags
Bit
Address
Details
ITEMP (Temperature ADC)
-
The Temperature ADC interrupt does not have an status flag associated with it.
ISPI/I2CI
SPISTAT
SPI Interrupt Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com