Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 68 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 64Page - Analog Devices ADE7569 Datasheet HTML 65Page - Analog Devices ADE7569 Datasheet HTML 66Page - Analog Devices ADE7569 Datasheet HTML 67Page - Analog Devices ADE7569 Datasheet HTML 68Page - Analog Devices ADE7569 Datasheet HTML 69Page - Analog Devices ADE7569 Datasheet HTML 70Page - Analog Devices ADE7569 Datasheet HTML 71Page - Analog Devices ADE7569 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 68 of 148
TEMPERATURE, BATTERY AND EXTERNAL
VOLTAGE MEASUREMENTS
The ADE75XX/ADE71XX includes temperature measurements
as well as battery and an external voltage measurements. These
measurements enable many forms of compensation. The
temperature measurements can be used to compensate external
circuitry. The RTC can be calibrated over temperature to ensure
that it doesn’t drift. External voltage measurements allow the
VDCIN voltage to be monitored, which is especially useful if
the VDCIN voltage tracks the bulk voltage. Battery
measurements allow low battery detection to be performed. All
ADC measurements are configured through the SFR detailed in
Table 45.
The temperature, battery and external voltage measurements
can be configured to still be functional in PSM1 and PSM2.
This is done bit setting bit RTCEN in the RTC Configuration
SFR (TIMECON, 0xA1). Maintaining the temperature
measurement active ensures that it is not necessary to wait for
the temperature measurement to settle before using it for
compensation.
Table 45. Temperature, Battery and External voltage measurement SFRs
SFR
address
(hex)
R/W
Name
Description
0xF9
R/W
STRBPER
Strobing period configuration
0xF3
R/W
DIFFPROG
Temperature and supply Delta configuration
0xD8
R/W
ADCGO
ADC start configuration
0xFA
R/W
BATVTH
Battery threshold configuration
0xEF
R/W
VDCINADC
VDCIN ADC value
0xDF
R/W
BATADC
Battery ADC value
0xD7
R/W
TEMPADC
Temperature ADC value
Table 46. Peripheral ADC Strobe Period SFR (STRBPER, 0xF9)
Note: The strobing option only work when the RTCEN bit in RTC Configuration SFR (TIMECON, 0xA1) is set.
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-6
Reserved
-
Reserved
Period for background external voltage measurements
VDCIN_PERIOD[1:0]
0
0
No VDCIN measurement
0
1
8 minutes
1
0
2 minutes
5-4
VDCIN_PERIOD[1:0]
0
1
1
1 minute
Period for background battery level measurements
BATT_PERIOD[1:0]
0
0
No Battery measurement
0
1
16 minutes
1
0
4 minutes
3-2
BATT_PERIOD[1:0]
0
1
1
1 minute
Period for background temperature measurements
TEMP_PERIOD[1:0]
0
0
No Temperature measurements
1-0
TEMP_PERIOD[1:0]
0
0
1
8 minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com