Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 106 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 106 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 102Page - Analog Devices ADE7569 Datasheet HTML 103Page - Analog Devices ADE7569 Datasheet HTML 104Page - Analog Devices ADE7569 Datasheet HTML 105Page - Analog Devices ADE7569 Datasheet HTML 106Page - Analog Devices ADE7569 Datasheet HTML 107Page - Analog Devices ADE7569 Datasheet HTML 108Page - Analog Devices ADE7569 Datasheet HTML 109Page - Analog Devices ADE7569 Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 106 of 148
EADRL.4: Page 20
EADRL.3: Page 19
EADRL.2: Page 18
EADRL.1: Page 17
EADRL.0: Page 16
Table 95. Flash High Byte Address SFR (EADRH, 0xC7)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
EADRH
0
Flash pointer high byte address
This SFR is also used to write the write/erase protection bits for pages 24
to 31 of the Flash memory – see Protecting the Flash. Clearing the bit
enables the protection.
EADRH.7: Page 31
EADRH.6: Page 30
EADRH.5: Page 29
EADRH.4: Page 28
EADRH.3: Page 27
EADRH.2: Page 26
EADRH.1: Page 25
EADRH.0: Page 24
Flash functions
Sample 8051 code is provided below to demonstrate how to use
the Flash functions. For these examples, the byte of flash
memory, 0x3C00 is accessed.
Write Byte:
Write F3H into flash memory byte 0x3C00.
MOV EDATA, #F3h
; Data to be written
MOV EADRH, #3Ch
; Setup byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security key.
MOV ECON, #01H
; Write Byte
Erase Page:
Erase the page containing flash memory byte
0x3C00.
MOV EADRH, #3Ch
; Select page through byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security key.
MOV ECON, #02H
; Erase Page
Erase All:
Erase all of the 16 or 32kbyte flash memory
MOV FLSHKY, #3Bh
; Write Flash security key.
MOV ECON, #03H
; Erase All
Read Byte:
Read flash memory byte 0x3C00.
MOV EADRH, #3Ch
; Setup byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security key.
MOV ECON, #04H
; Read Byte
; Data is ready in EDATA register
Erase Page and Write Byte:
Erase the page containing flash
memory byte 0x3C00 and then write F3H to that address. Note
that the other 511 bytes in this page will be erased.
MOV EDATA, #F3h
; Data to be written
MOV EADRH, #3Ch
; Setup byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security key.
MOV ECON, #05H
; Erase page and then write byte
PROTECTING THE FLASH
Two forms of protection are offered for this flash memory: read
protection and write/erase protection. The read protection
ensures that any pages that are read protected will not be able to
be read by the end user. The write protection ensures that the
flash memory cannot be erased or written over. This protects
the end system from tampering and can prevent the code from
being overwritten in the event of a runaway program.
Write/erase protection is individually selectable for all of the 16
or 32 pages. Read protection is selected in groups of 4 pages. See
Figure 66 for the groupings. The protection bits are stored in the
last flash memory locations, addresses 0x3FFA through
0x3FFF– see Figure 68. 4 bytes are reserved for write/erase
protection, 1 byte for read protection and another byte to set the
protection security key. The user must enable write/erase
protection for the last page at a minimum for the entire
protection scheme to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com