Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 105 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 101Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 102Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 103Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 104Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 105Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 106Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 107Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 108Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 105 of 136
PLL
The ADE7566/ADE7569 are intended for use with a 32.768 kHz
watch crystal. A PLL locks onto a multiple of this frequency to
provide a stable 4.096 MHz clock for the system. The core can
operate at this frequency or at binary submultiples of it to allow
power savings when maximum core performance is not required.
The default core clock is the PLL clock divided by 4 or 1.024
MHz. The ADE energy measurement clock is derived from the
PLL clock and is maintained at 4.096 MHz/5 MHz, 819.2 kHz
across all CD settings.
The PLL is controlled by the CD[2:0] bits in the Power Control
SFR (POWCON, 0xC5). To protect erroneous changes to the
Power Control SFR (POWCON, 0xC5), a key is required to
modify the register. First, the Key SFR (KYREG, 0xC1) is
written with the key, 0xA7, and then a new value is written to
the Power Control SFR (POWCON, 0xC5).
If the PLL loses lock, the MCU is reset and the PLL_FLT bit is
set in the Peripheral Configuration SFR (PERIPH, 0xF4). Set
the PLLACK bit in the Start ADC Measurement SFR (ADCGO,
0xD8) to acknowledge the PLL fault, clearing the PLL_FLT bit.
PLL SFR REGISTER LIST
Table 111. Power Control SFR (POWCON, 0xC5)
Bit No.
Mnemonic
Default
Description
7
Reserved
0
Reserved.
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if metering
functions are not needed in PSM0
5
Reserved
0
Reserved.
4
COREOFF
0
Set this bit to shut down the core if in the PSM1 operating mode.
3
Reserved
Reserved.
Controls the core clock frequency (fCORE). fCORE = 4.096 MHz/2CD
CD[2:0]
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
2 to 0
CD[2:0]
010
111
0.032
Table 112. Key SFR (KYREG, 0xC1)
Bit No.
Mnemonic
Default
Description
7 to 0
KYREG
0
Write 0xA7 to the KYREG SFR before writing to the POWCON SFR to unlock it.
Write 0xEA to the KYREG SFR before writing to the HTHSEC, SEC, MIN, or HOUR
timekeeping registers to unlock it.
Table 113. Peripheral Configuration SFR (PERIPH, 0xF4)
Bit No.
Mnemonic
Default
Description
7
RXFLAG
0
If set, indicates that a Rx edge event triggered wake-up from PSM2.
6
VSWSOURCE
1
Indicates the power supply that is connected internally to VSW. If set, VSW = VDD. If cleared,
VSW = VBAT.
5
VDD_OK
0
If set, indicates that VDD power supply is ok for operation.
4
PLL_FLT
0
If set, indicates that PLL is not locked.
3
Reserved
Reserved.
2
EXTREFEN
0
Set this bit if an external reference is connected to the REFIN pin.
Controls the function of the P1.0/RxD pin.
RXPROG [1:0]
Result
00
GPIO
01
Rx with wake-up disabled
1 to 0
RXPROG[1:0]
00
11
Rx with wake-up enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com