Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 108 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 104Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 105Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 106Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 107Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 108Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 109Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 110Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 111Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 108 of 136
Table 116. RTC Configuration SFR (TIMECON, 0xA1)
Bit No.
Mnemonic
Default
Description
7
MIDNIGHT
0
Midnight Flag. This bit is set when the RTC rolls over to 00:00:00:00. It can be cleared by the user to
indicate that the midnight event has been serviced. In twenty-four hour mode, the midnight flag is
raised once a day at midnight.
Twenty-Four Hour Mode. This bit is retained during a watchdog reset or an external reset. It is reset after
a power on reset (POR).
TFH
Result
0
256-Hour Mode. The HOUR register rolls over from 255 to 0.
6
TFH
0
1
24-Hour Mode. The HOUR register rolls over from 23 to 0.
Interval Timer Time-Base Selection.
ITS[1:0]
Result (Time base)
00
1/128 sec.
01
Second.
10
Minute.
5 to 4
ITS[1:0]
0
11
Hour.
Interval Timer 1 Time Alarm.
SIT
Result
0
The ALARM flag is set after INTVAL counts and then another interval count starts.
3
SIT
0
1
The ALARM flag is set after one time interval.
2
ALARM
0
Interval Timer Alarm Flag. This bit is set when the configured time interval has elapsed. It can be cleared
by the user to indicate that the alarm event has been serviced. This bit cannot be set to 1 by user code.
Interval Timer Enable.
ITEN
Result
0
The interval timer is disabled. The 8-bit interval timer counter is reset.
1
ITEN
0
1
Set this bit to enable the interval timer. The RTCEN bit must also be set to enable the
interval timer.
0
RTCEN
1
RTC Enable. Also Temperature, Battery and Supply ADC Background Strobe Enable. Note that the RTC is
always enabled.
Table 117. Hundredths of a Second Counter SFR (HTHSEC, 0xA2)
Bit No.
Mnemonic
Default
Description
7 to 0
HTHSEC
0
This counter updates every 1/128 sec, referenced from the calibrated 32 kHz clock. It overflows from
127 to 00, incrementing the seconds counter (SEC). This register is retained during a watchdog reset or
an external reset. It is reset after a POR.
Table 118. Seconds Counter SFR (SEC, 0xA3)
Bit No.
Mnemonic
Default
Description
7 to 0
SEC
0
This counter updates every second, referenced from the calibrated 32 kHz clock. It overflows from 59 to 00,
incrementing the minutes counter (MIN). This register is retained during a watchdog reset or an external
reset. It is reset after a POR.
Table 119. Minutes Counter SFR (MIN, 0xA4)
Bit No.
Mnemonic
Default
Description
7 to 0
MIN
0
This counter updates every minute, referenced from the calibrated 32 kHz clock. It overflows from 59 to 00,
incrementing the hours counter, HOUR. This register is retained during a watchdog reset or an external
reset. It is reset after a POR.
Table 120. Hours Counter SFR (HOUR, 0xA5)
Bit No.
Mnemonic
Default
Description
7 to 0
HOUR
0
This counter updates every hour, referenced from the calibrated 32 kHz clock. If the TFH bit in the RTC
Configuration SFR (TIMECON, 0xA1) is set, the HOUR SFR overflows from 23 to 00, setting the MIDNIGHT
bit and creating a pending RTC interrupt. If the TFH bit is cleared, the HOUR SFR overflows from 255 to 00,
setting the MIDNIGHT bit and creating a pending RTC interrupt. This register is retained during a
watchdog reset or an external reset. It is reset after a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com