Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 210 page
background image
158
AT8xC51SND1C
4109E–8051–06/03
Two-wire Interface
(TWI) Controller
The AT8xC51SND1C implements a TWI controller supporting the four standard master
and slave modes with multimaster capability. Thus, it allows connection of slave devices
like LCD controller, audio DAC, etc., but also external master controlling where the
AT8xC51SND1C is used as a peripheral of a host.
The TWI bus is a bi-directional TWI serial communication standard. It is designed prima-
rily for simple but efficient integrated circuit control. The system is comprised of 2 lines,
SCL (Serial Clock) and SDA (Serial Data) that carry information between the ICs con-
nected to them. The serial data transfer is limited to 100 Kbit/s in low speed mode,
however, some higher bit rates can be achieved depending on the oscillator frequency.
Various communication configurations can be designed using this bus. Figure 123
shows a typical TWI bus configuration using the AT8xC51SND1C in master and slave
modes. All the devices connected to the bus can be master and slave.
Figure 123. Typical TWI Bus Configuration
Description
The CPU interfaces to the TWI logic via the following four 8-bit special function regis-
ters: the Synchronous Serial Control register (SSCON SFR, see Table 142), the
Synchronous Serial Data register (SSDAT SFR, see Table 144), the Synchronous
Serial Status register (SSSTA SFR, see Table 143) and the Synchronous Serial
Address register (SSADR SFR, see Table 145).
SSCON is used to enable the controller, to program the bit rate (see Table 142), to
enable slave modes, to acknowledge or not a received data, to send a START or a
STOP condition on the TWI bus, and to acknowledge a serial interrupt. A hardware
reset disables the TWI controller.
SSSTA contains a status code which reflects the status of the TWI logic and the TWI
bus. The three least significant bits are always zero. The five most significant bits con-
tains the status code. There are 26 possible status codes. When SSSTA contains F8h,
no relevant state information is available and no serial interrupt is requested. A valid sta-
tus code is available in SSSTA after SSI is set by hardware and is still present until SSI
has been reset by software. Table 136 to Table 128 give the status for both master and
slave modes and miscellaneous states.
SSDAT contains a Byte of serial data to be transmitted or a Byte which has just been
received. It is addressable while it is not in process of shifting a Byte. This occurs when
TWI logic is in a defined state and the serial interrupt flag is set. Data in SSDAT remains
stable as long as SSI is set. While data is being shifted out, data on the bus is simulta-
neously shifted in; SSDAT always contains the last Byte present on the bus.
SSADR may be loaded with the 7 - bit slave address (7 most significant bits) to which
the controller will respond when programmed as a slave transmitter or receiver. The
LSB is used to enable general call address (00h) recognition.
Figure 124 shows how a data transfer is accomplished on the TWI bus.
AT8xC51SND1C
Master/Slave
LCD
Display
Audio
DAC
P1.6/SCL
P1.7/SDA
Rp
Rp
HOST
Microprocessor
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com