Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 210 page
background image
161
AT8xC51SND1C
4109E–8051–06/03
Master Receiver Mode
In the master receiver mode, a number of data Bytes are received from a slave transmit-
ter (see Figure 126). The transfer is initialized as in the master transmitter mode. When
the START condition has been transmitted, the interrupt routine must load SSDAT with
the 7 - bit slave address and the data direction bit (SLA+R). The serial interrupt flag
(SSI) must then be cleared before the serial transfer can continue.
When the slave address and the direction bit have been transmitted and an acknowl-
edgment bit has been received, the serial interrupt flag is set again and a number of
status code in SSSTA are possible. There are 40h, 48h or 38h for the master mode and
also 68h, 78h or B0h if the slave mode was enabled (SSAA = logic 1). The appropriate
action to be taken for each of these status code is detailed in Table 128. This scheme is
repeated until a STOP condition is transmitted.
SSPE and SSCR2:0 are not affected by the serial transfer and are not referred to in
Table 128. After a repeated START condition (state 10h) the controller may switch to
the master transmitter mode by loading SSDAT with SLA+W.
Slave Receiver Mode
In the slave receiver mode, a number of data Bytes are received from a master transmit-
ter (see Figure 127). To initiate the slave receiver mode, SSADR and SSCON must be
loaded as follows:
The upper 7 bits are the addresses to which the controller will respond when addressed
by a master. If the LSB (SSGC) is set, the controller will respond to the general call
address (00h); otherwise, it ignores the general call address.
SSCR2:0 have no effect in the slave mode. SSPE must be set to enable the controller.
The SSAA bit must be set to enable the own slave address or the general call address
acknowledgment. SSSTA, SSSTO and SSI must be cleared.
When SSADR and SSCON have been initialized, the controller waits until it is
addressed by its own slave address followed by the data direction bit which must be
logic 0 (W) for operating in the slave receiver mode. After its own slave address and the
W bit has been received, the serial interrupt flag is set and a valid status code can be
read from SSSTA. This status code is used to vector to an interrupt service routine, and
the appropriate action to be taken for each of these status code is detailed in Table 128
and Table 140. The slave receiver mode may also be entered if arbitration is lost while
the controller is in the master mode (see states 68h and 78h).
If the SSAA bit is reset during a transfer, the controller will return a not acknowledge
(logic 1) to SDA after the next received data Byte. While SSAA is reset, the controller
does not respond to its own slave address. However, the TWI bus is still monitored and
address recognition may be resumed at any time by setting SSAA. This means that the
SSAA bit may be used to temporarily isolate the controller from the TWI bus.
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSA0
SSGC
←
Own Slave Address
→
X
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
X
100
01
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com